Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-DB5901 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ROM-DB5901
Description  Development Board for SMARC v2.0 RISC Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-DB5901 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ROM-DB5901 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-DB5901 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ROM-DB5901
Ordering Information
Part No.
Description
ROM-DB5901-SWA1
Development board for SMARC v2.0 RISC Module
series
Packing List
Part No.
Description
1700023619-01
Micro USB (M) to USB-A (M) 1m cable
1700021882-01
LVDS backlight cable for IDK-1107WR-40WVA1E
1700021883-01
LVDS cable for IDK-1107WR-40WVA1E
1700021941-01
SATA power cable
1700004711-01
SATA signal cable
1701100300
D-SUB 9P(M) for UART and CAN 30cm cable
1700019474
D-SUB 9P(F) RS232/RS485 100cm cable
1700023138-01
Micro USB (M) to USB-A (F) 40cm cable
Option Accessories
Part No.
Description
96PSA-A60W12R1-1
Adapter 100-240V 60W 12V 5A PLUG 90°
1702002605
Power cord 3P EU 183cm
1702031801
Power cord 3P UK 183cm
1700000237
Power cord 3P PSE 183cm
EWM-W163M201E
AW-CB260NF, Wireless LAN and BT module
1750008717-01
WiFi/BT 2.4+5G, RSMA F (WiFi Antenna)
1750008653-01
RSMA F to MHF4 20cm (WiFi Cable)
EWM-C117FL06E
mini-PCIe LTE/HSPA+/GPRS module, w/ SIM Slot,
TOBY-L280H, for Taiwan
1750007990-01
LTE (700 ~ 960MHz, 1710 ~ 2700MHz),
SMA M (4G Antenna)
1750006009
SMA F to U.FL 25cm (4G Cable)
9680015491
PCIe to miniPCIe adapter card
IDK-1107WR-40WVA1E
7" Color TFT-LCD Panel, 800 x 480
Block Diagram
SMARC 2.0 Connector
(314-pin Golden Finger)
LVDS(dual Channel) /
MIPI DSI / eDP*
GPIO Pin Headers x12
LVDS
(Dual Channel) /
MIPI DSI / eDP
GPIO#0-11
USB2.0 OTG TypeAB x1
USB#0
USB2.0 Pin Header x2
USB#4,5
USB3.0 TypeA x1
USB#2
USB2.0 Hub 1 to 2
USB#1
SPI Pin Header x1
SPI
SPI Pin Header x1
ESPI
PCIe by 1 x3
PCIe#B,C,D
PCIe#A
PCIe#A
USB#1
DN1
USB#1
DN2
SDIO
SER0 (Jump Option)
I2S2
MUX
SD Card
SDIO
(Stacking Connector)
(Stacking Connector)
PD controller x1
USB#3 (2.0)
USB#3 (3.0)
I2C_LCD
MIPI CSI-2 x1 (4-Lane)
Camera Input
Transceiver
CAN Bus
Transceiver
CAN Bus
SATA Power
HDMI TypeA x1
DB-9
Connector x2
12V DC-in Jack
Lithium-ion
Battery Pin Header
RTC Battery
Pin Header
(RS-232) x 2
Camera Input
HDMI
Display Port x1
DP0
Transceiver (RS-232)
SER1,SER3
2-wires
Transceiver
(RS-232/422/485)
SER0,SER2
4-wires
SATA x1
SATA
GbE LAN
I2C_CAM0
MIPI CSI-2 x1 (2-Lane)
I2C pin Header
I2C_GP
I2C_CAM1
GbE LAN
USB3.0
TypeC x1
USB2.0
TypeA x1
Pin Header connect to
Codec x1
I2S0
I2S
Audio Jack x1
M.2 (Key E) x1
Type C MUX x1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com