Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-DB5901 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ROM-DB5901
Description  Development Board for SMARC v2.0 RISC Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-DB5901 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ROM-DB5901 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-DB5901 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RISC Computing Platforms
Features
ROM-DB5901
Introduction
ROM-DB5901 is an evaluation carrier board designed for the Advantech SMARC v2.0 module. It is compatible with the ROM-5720, ROM-5620 and ROM-5721 SMARC modules
and has a multiple I/O interface for evaluation and development. It supports wide range operating temperatures, two power input interfaces, and two MIPI connectors for the camera
module. ROM-DB5901 is an ideal development board for mobile applications, such as portable devices, industrial tablets or HMI systems.
ROM-DB5901 is offered along with RISC SMARC carrier board design documents: carrier board design guide, layout, and schematic checklist, all ready for you to start your own
carrier board design. With ROM-DB5901, you will benefit from the power of Advantech’s RISC SMARC modules.
Specifications
Compatible Module
SMARC v2.0 CPU Module
Graphics
HDMI
1 HDMI 2.0 TypeA
LVDS/MIPI DSI
2 Single 18/24-bit LVDS/ 2 MIPI DSI
DP
1 DP
Ethernet
10/100/100 Mbps
2 RJ-45
Storage
SD
1 SD Card Slot
SATA
1 SATAIII Connector (with SATA-DOM Support)
I/O
USB
1 USB Type C Connector (USB 3.0, Output: 5V/9V/12V@3A, Input: 12V/15V/20V@3A)
1 Micro USB Type AB (USB 2.0 OTG),
1 USB Type A Stacking Connector (USB 3.0 & USB 2.0 Host),
2 USB 2.0 Pin Header
UART
2 4-wires RS-232/422/485, 2 RS-232 Pin Headers
Audio
1 1/8 Audio Jack (I2S HD Audio)
CAN
2 CAN 2.0B Ports, Differential Mode +5V
GPIO
12 GPIO Ports
I2C
1 I2C Pin Header
SPI
1 SPI Pin Header, 1 ESPI Pin Header
Camera Input
1 2-Lane MIPI-CSI2, 1 4-Lane MIPI-CSI2
M.2
1 M.2 Key E Connector (USB, SDIO, PCIe, I2S and UART)
Expansion
PCIe Slot
3 PCIe by 1
Power Input
Power
2 Power Inputs (+12V DC-Jack, Lithium-ion battery)
Environment
Operating Temperature
-40 ~ 85 °C
Operating Humidity
0% ~ 90% Relative Humidity, Non-condensing
Physical Characteristics
Dimensions
305 x 244 mm
Development Board for
SMARC v2.0 RISC Module
ƒ Supports SGeT SMARC v2.0 CPU module board
ƒ 4 kinds of display outputs. 18/24-bit LVDS or MIPI DSI, HDMI, DP
ƒ 1 x SATA/SATA-DOM, 2 x RJ-45, 1 x USB 3.0 Type C, 1 x USB 2.0 OTG,
1 x USB 3.0, 1 x USB 2.0, 2 x USB 2.0 Pin Headers, 2 x CAN bus, 4 x UART,
12 x GPIO
ƒ 3 x PCIe by 1
ƒ 2 x MIPI DSI interfaces for camera module
ƒ Supports HD audio codec
ƒ Supports +12V DC and lithium-ion battery power input
NEW
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 14-Jan-2020


Similar Part No. - ROM-DB5901

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-DB5901-SWA1 ADVANTECH-ROM-DB5901-SWA1 Datasheet
3Mb / 4P
NXP i.MX8X Cortex®-A35 SMARC 2.0/2.1 Computer-on-Module
16-Jun-2022
ROM-DB5901-SWA1 ADVANTECH-ROM-DB5901-SWA1 Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-DB5901-SWA1 ADVANTECH-ROM-DB5901-SWA1 Datasheet
2Mb / 4P
NXP i.MX8M Mini Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-DB5901-SWA2 ADVANTECH-ROM-DB5901-SWA2 Datasheet
3Mb / 5P
Rockchip RK3399 Cortex®-A72A53 SMARC 2.1 Computer-on-Module
7-Jul-2021
More results

Similar Description - ROM-DB5901

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-DB3900 ADVANTECH-ROM-DB3900_15 Datasheet
514Kb / 2P
Development board for RISC RTX2.0 Module
ROM-DB5900 ADVANTECH-ROM-DB5900_15 Datasheet
595Kb / 2P
Development board for RISC SMARC v1.0 Module
ROM-DB7500 ADVANTECH-ROM-DB7500_15 Datasheet
571Kb / 2P
Development board for RISC Qseven Module
ROM-DK5420 ADVANTECH-ROM-DK5420_14 Datasheet
627Kb / 2P
Development kit for SMARC CPU Module ROM-5420
ROM-DB3900 ADVANTECH-ROM-DB3900 Datasheet
460Kb / 2P
Development Board for RTX v2.0 RISC Module
25-Feb-2016
ROM-DB5900 ADVANTECH-ROM-DB5900 Datasheet
544Kb / 2P
Development Board for SMARC v1.1 RISC Module
14-Oct-2016
ROM-DB7500 ADVANTECH-ROM-DB7500 Datasheet
550Kb / 2P
Development Board for Qseven v1.2 RISC Module
4-Mar-2016
ROM-DB7501 ADVANTECH-ROM-DB7501 Datasheet
485Kb / 2P
Development Board for Qseven v2.0 RISC Module
4-Mar-2016
SOM-DB2500 ADVANTECH-SOM-DB2500 Datasheet
463Kb / 2P
Development Board for SMARC
13-May-2020
SOM-DB2510 ADVANTECH-SOM-DB2510 Datasheet
368Kb / 2P
Development Board for SMARC
6-Apr-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com