Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F108AS Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB95F108AS
Description  8-bit Proprietary Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F108AS Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB95F108AS Datasheet HTML 5Page - fujitsu semiconductor MB95F108AS Datasheet HTML 6Page - fujitsu semiconductor MB95F108AS Datasheet HTML 7Page - fujitsu semiconductor MB95F108AS Datasheet HTML 8Page - fujitsu semiconductor MB95F108AS Datasheet HTML 9Page - fujitsu semiconductor MB95F108AS Datasheet HTML 10Page - fujitsu semiconductor MB95F108AS Datasheet HTML 11Page - fujitsu semiconductor MB95F108AS Datasheet HTML 12Page - fujitsu semiconductor MB95F108AS Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
MB95100A Series
9
(Continued)
Pin no.
Pin name
Circuit
type
Description
31
P11/UO0
H
General-purpose I/O port.
The pin is shared with UART/SIO ch0 data output.
32
P12/UCK0
General-purpose I/O port.
The pin is shared with UART/SIO ch0 clock I/O.
33
P13/TRG0/
ADTG
General-purpose I/O port.
The pin is shared with 16-bit PPG ch0 trigger input (TRG0) and A/D
trigger input (ADTG).
34
P14/PPG0
General-purpose I/O port.
The pin is shared with 16-bit PPG ch0 output.
35
P20/PPG00
H
General-purpose I/O port.
The pins are shared with 8/16-bit PPG ch0 output.
36
P21/PPG01
37
P22/TO00
General-purpose I/O port.
The pins are shared with 8/16-bit compound timer ch0 output.
38
P23/TO01
39
P24/EC0
General-purpose I/O port.
The pin is shared with 8/16-bit compound timer ch0 clock input.
40
P50/SCL0
I
General-purpose I/O port.
The pin is shared with I2C ch0 clock I/O.
41
P51/SDA0
General-purpose I/O port.
The pin is shared with I2C ch0 data I/O.
42
P52/PPG1
H
General-purpose I/O port.
The pin is shared with 16-bit PPG ch1 output.
43
P53/TRG1
General-purpose I/O port.
The pin is shared with 16-bit PPG ch1 trigger input.
44
P60/PPG10
K
General-purpose I/O port.
The pins are shared with 8/16-bit PPG ch1 output.
45
P61/PPG11
46
P62/TO10
General-purpose I/O port.
The pins are shared with 8/16-bit compound timer ch1 output.
47
P63/TO11
48
P64/EC1
General-purpose I/O port.
The pin is shared with 8/16-bit compound timer ch1 clock input.
49
P65/SCK
General-purpose I/O port.
The pin is shared with LIN-UART clock I/O.
50
P66/SOT
General-purpose I/O port.
The pin is shared with LIN-UART data output.
51
P67/SIN
L
General-purpose I/O port.
The pin is shared with LIN-UART data input.
52
P43/AN11
J
General-purpose I/O port.
The pins are shared with A/D analog input.
53
P42/AN10
54
P41/AN09
55
P40/AN08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com