Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F108AS Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB95F108AS
Description  8-bit Proprietary Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F108AS Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB95F108AS Datasheet HTML 17Page - fujitsu semiconductor MB95F108AS Datasheet HTML 18Page - fujitsu semiconductor MB95F108AS Datasheet HTML 19Page - fujitsu semiconductor MB95F108AS Datasheet HTML 20Page - fujitsu semiconductor MB95F108AS Datasheet HTML 21Page - fujitsu semiconductor MB95F108AS Datasheet HTML 22Page - fujitsu semiconductor MB95F108AS Datasheet HTML 23Page - fujitsu semiconductor MB95F108AS Datasheet HTML 24Page - fujitsu semiconductor MB95F108AS Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
MB95100A Series
21
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
002BH
DDRG
Port G direction register
R/W
00000000B
002CH
⎯
(Vacancy)
⎯⎯
002DH
PUL1
Port 1 pull - up register
R/W
00000000B
002EH
PUL2
Port 2 pull - up register
R/W
00000000B
002FH
PUL3
Port 3 pull - up register
R/W
00000000B
0030H
PUL4
Port 4 pull - up register
R/W
00000000B
0031H
PUL5
Port 5 pull - up register
R/W
00000000B
0032H
PUL7
Port 7 pull - up register
R/W
00000000B
0033H
⎯
(Vacancy)
⎯⎯
0034H
PULE
Port E pull - up register
R/W
00000000B
0035H
PULG
Port G pull - up register
R/W
00000000B
0036H
T01CR1
8/16-bit compound timer 01 control status register 1 ch0
R/W
00000000B
0037H
T00CR1
8/16-bit compound timer 00 control status register 1 ch0
R/W
00000000B
0038H
T11CR1
8/16-bit compound timer 11 control status register 1 ch1
R/W
00000000B
0039H
T10CR1
8/16-bit compound timer 10 control status register 1 ch1
R/W
00000000B
003AH
PC01
8/16-bit PPG1 control register ch0
R/W
00000000B
003BH
PC00
8/16-bit PPG0 control register ch0
R/W
00000000B
003CH
PC11
8/16-bit PPG1 control register ch1
R/W
00000000B
003DH
PC10
8/16-bit PPG0 control register ch1
R/W
00000000B
003EH
TMCSRH0
16-bit reload timer control status register (Upper byte) ch0
R/W
00000000B
003FH
TMCSRL0
16-bit reload timer control status register (Lower byte) ch0
R/W
00000000B
0040H
⎯
(Vacancy)
⎯⎯
0041H
0042H
PCNTH0
16-bit PPG control status register (Upper byte) ch0
R/W
00000000B
0043H
PCNTL0
16-bit PPG control status register (Lower byte) ch0
R/W
00000000B
0044H
PCNTH1
16-bit PPG control status register (Upper byte) ch1
R/W
00000000B
0045H
PCNTL1
16-bit PPG control status register (Lower byte) ch1
R/W
00000000B
0046H
⎯
(Vacancy)
⎯⎯
0047H
0048H
EIC00
External interrupt circuit control register ch0/1
R/W
00000000B
0049H
EIC10
External interrupt circuit control register ch2/3
R/W
00000000B
004AH
EIC20
External interrupt circuit control register ch4/5
R/W
00000000B
004BH
EIC30
External interrupt circuit control register ch6/7
R/W
00000000B
004CH
EIC01
External interrupt circuit control register ch8/9
R/W
00000000B
004DH
EIC11
External interrupt circuit control register ch10/11
R/W
00000000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com