Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC952FBD Datasheet(PDF) 49 Page - NXP Semiconductors

Part # P89LPC952FBD
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC952FBD Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button P89LPC952FBD Datasheet HTML 45Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 46Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 47Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 48Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 49Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 50Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 51Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 52Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
9397 750 14716
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01— 16 September 2005
49 of 66
Philips Semiconductors
P89LPC952
8-bit microcontroller with 10-bit ADC
10. Static characteristics
Table 10:
Static characteristics
VDD = 2.4 V to 3.6 V unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
IDD(oper)
operating supply current
VDD = 3.6 V;
fosc =12MHz
[2] -11
18
mA
VDD = 3.6 V;
fosc =18MHz
[2] -14
23
mA
IDD(idle)
Idle mode supply current
VDD = 3.6 V;
fosc =12MHz
[2] -
3.25
5
mA
VDD = 3.6 V;
fosc =18MHz
[2] -5
7
mA
IDD(pd)
Power-down mode supply
current
VDD = 3.6 V; voltage
comparators powered
down
[2] -55
80
µA
IDD(tpd)
total Power-down mode supply
current
VDD = 3.6 V
[3] -1
5
µA
(dV/dt)r
rise rate
of VDD
-
-
2
mV/
µs
(dV/dt)f
fall rate
of VDD
-
-
50
mV/
µs
VDDR
data retention voltage
1.5
-
-
V
Vth(HL)
HIGH-LOW threshold voltage
except SCL, SDA
0.22VDD
0.4VDD
-V
VIL
LOW-state input voltage
SCL, SDA only
−0.5
-
0.3VDD
V
Vth(LH)
LOW-HIGH threshold voltage
except SCL, SDA
-
0.6VDD
0.7VDD
V
VIH
HIGH-state input voltage
SCL, SDA only
0.7VDD
-
5.5
V
Vhys
hysteresis voltage
port 1
-
0.2VDD
-V
VOL
LOW-state output voltage
IOL =20mA;
VDD = 2.4 V to 3.6 V
all ports, all modes except
high-Z
[4] -
0.6
1.0
V
IOL = 3.2 mA; VDD = 2.4 V
to 3.6 V all ports, all
modes except high-Z
[4] -
0.2
0.3
V
VOH
HIGH-state output voltage
IOH = −20 µA;
VDD = 2.4 V to 3.6 V;
all ports,
quasi-bidirectional mode
VDD − 0.3
VDD − 0.2
-
V
IOH = −3.2 mA;
VDD = 2.4 V to 3.6 V;
all ports, push-pull mode
VDD − 0.7
VDD − 0.4
-
V
IOH = −20 mA;
VDD = 2.4 V to 3.6 V;
Port 5, push-pull mode
0.8VDD
--
V
Vxtal
crystal voltage
on XTAL1, XTAL2 pins;
with respect to VSS
−0.5
-
+4.0
V
Vn
voltage on any other pin
except XTAL1, XTAL2,
VDD; with respect to VSS
[5]
−0.5
-
+5.5
V
Ciss
input capacitance
[6] -
-
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com