Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC952FBD Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89LPC952FBD
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC952FBD Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89LPC952FBD Datasheet HTML 17Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 18Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 19Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 20Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 21Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 22Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 23Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 24Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
9397 750 14716
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01— 16 September 2005
21 of 66
Philips Semiconductors
P89LPC952
8-bit microcontroller with 10-bit ADC
7.2 Enhanced CPU
The P89LPC952 uses an enhanced 80C51 CPU which runs at six times the speed of
standard 80C51 devices. A machine cycle consists of two CPU clock cycles, and most
instructions execute in one or two machine cycles.
7.3 Clocks
7.3.1 Clock definitions
The P89LPC952 device has several internal clocks as defined below:
OSCCLK — Input to the DIVM clock divider. OSCCLK is selected from one of four clock
sources (see Figure 5) and can also be optionally divided to a slower frequency (see
Section 7.8 “CCLK modification: DIVM register”).
Note: fosc is defined as the OSCCLK frequency.
CCLK — CPU clock; output of the clock divider. There are two CCLK cycles per machine
cycle, and most instructions are executed in one to two machine cycles (two or four CCLK
cycles).
RCCLK — The internal 7.373 MHz RC oscillator output. The clock doubler option, when
enabled, provides an output frequency of 14.746 MHz.
PCLK — Clock for the various peripheral devices and is CCLK
⁄
2.
7.3.2 CPU clock (OSCCLK)
The P89LPC952 provides several user-selectable oscillator options in generating the CPU
clock. This allows optimization for a range of needs from high precision to lowest possible
cost. These options are configured when the flash is programmed and include an on-chip
watchdog oscillator, an on-chip RC oscillator, an oscillator using an external crystal, or an
external clock source. The crystal oscillator can be optimized for low, medium, or high
frequency crystals covering a range from 20 kHz to 18 MHz.
7.3.3 Low speed oscillator option
This option supports an external crystal in the range of 20 kHz to 100 kHz. Ceramic
resonators are also supported in this configuration.
7.3.4 Medium speed oscillator option
This option supports an external crystal in the range of 100 kHz to 4 MHz. Ceramic
resonators are also supported in this configuration.
7.3.5 High speed oscillator option
This option supports an external crystal in the range of 4 MHz to 18 MHz. Ceramic
resonators are also supported in this configuration. When using a clock frequency
above 12 MHz, the reset input function of P1.5 must be enabled. An external circuit
is required to hold the device in reset at power-up until VDD has reached its
specified level. When system power is removed VDD will fall below the minimum
specified operating voltage. When using a clock frequency above 12 MHz, in some
applications, an external brownout detect circuit may be required to hold the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com