Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1509 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1509
Description  150kHz, 2A PWM BUCK DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1509 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1509 Datasheet HTML 1Page - Diodes Incorporated AP1509 Datasheet HTML 2Page - Diodes Incorporated AP1509 Datasheet HTML 3Page - Diodes Incorporated AP1509 Datasheet HTML 4Page - Diodes Incorporated AP1509 Datasheet HTML 5Page - Diodes Incorporated AP1509 Datasheet HTML 6Page - Diodes Incorporated AP1509 Datasheet HTML 7Page - Diodes Incorporated AP1509 Datasheet HTML 8Page - Diodes Incorporated AP1509 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP1509
Document number: DS31016 Rev. 6 - 2
4 of 12
www.diodes.com
February 2020
© Diodes Incorporated
AP1509
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD MM
Machine Model ESD Protection
200
V
VIN
Supply Voltage
+24
V
VSD
ON/OFF Pin Input Voltage
-0.3 to +18
V
VFB
Feedback Pin Voltage
-0.3 to +18
V
VOUT
Output Voltage to Ground
-1
V
PD
Power Dissipation
Internally Limited
W
TST
Storage Temperature
-65 to +150
°C
TJ
Operating Junction Temperature
-40 to +125
°C
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
IOUT
Output Current
0
2
A
VOP
Operating Voltage
4.5
22
V
TA
Operating Ambient Temperature
-20
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com