Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1509 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1509
Description  150kHz, 2A PWM BUCK DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1509 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1509 Datasheet HTML 1Page - Diodes Incorporated AP1509 Datasheet HTML 2Page - Diodes Incorporated AP1509 Datasheet HTML 3Page - Diodes Incorporated AP1509 Datasheet HTML 4Page - Diodes Incorporated AP1509 Datasheet HTML 5Page - Diodes Incorporated AP1509 Datasheet HTML 6Page - Diodes Incorporated AP1509 Datasheet HTML 7Page - Diodes Incorporated AP1509 Datasheet HTML 8Page - Diodes Incorporated AP1509 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP1509
Document number: DS31016 Rev. 6 - 2
2 of 12
www.diodes.com
February 2020
© Diodes Incorporated
AP1509
Typical Application Circuit
(1)
Fixed Type Circuit
1
2
8
4
3
12V
DC Input
CIN
Capacitor
FB
SD
D1
Schottky Diode
VIN
GND
Output
AP1509-
33
Co
Capacitor
Inductor
L1
47uH
3.3V/2A
Output Load
GND
GND
GND
5
6
7
(2) Adjustable Type Circuit
1
2
8
4
3
12V
DC Input
CIN
Capacitor
FB
SD
D1
Schottky
Diode
VIN
GND
Output
AP1509
Co
Capacitor
Inductor
L1
39uH
2.5V/2A
Output Load
GND
GND
GND
5
6
7
R1 1K
R2 1K
VOUT = VFB × (1 +
R2
R1
)
VFB = 1.23V
R2 = 1K ~ 3K
(3) Delay Start Circuit
1
2
8
4
3
12V
DC Input
CIN
Capacitor
FB
SD
D1
Schottky
Diode
VIN
GND
Output
AP1509
Co
Capacitor
Inductor
L1
39uH
2.5V/2A
Output Load
GND
GND
GND
5
6
7
R1 1K
R2 1K
CDELAY
0.1uF
10K
RDELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com