Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1103 Datasheet(PDF) 1 Page - ams AG

Part # AS1103
Description  Low-Dropout LED Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1103 Datasheet(HTML) 1 Page - ams AG

  AS1103 Datasheet HTML 1Page - ams AG AS1103 Datasheet HTML 2Page - ams AG AS1103 Datasheet HTML 3Page - ams AG AS1103 Datasheet HTML 4Page - ams AG AS1103 Datasheet HTML 5Page - ams AG AS1103 Datasheet HTML 6Page - ams AG AS1103 Datasheet HTML 7Page - ams AG AS1103 Datasheet HTML 8Page - ams AG AS1103 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AS1101, AS1102, AS1103, AS1104
Low-Dropout LED Drivers
austriamicrosystems
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.3
1 - 13
1 General Description
The AS110x family are LED drivers providing matched
current source bias for any color LED, including white
and blue. LED current is programmable using an exter-
nal resistor.
The AS1101 LED currents are typical 460 x ISET (per
LED) at an LED cathode voltage of 150mV and typical
650 x ISET at an LED cathode voltage of 1V.
The AS1102, AS1103, and AS1104 LED currents are
typical 230 x ISET (per LED) at an LED cathode voltage
of 150mV and typical 325 x ISET at an LED cathode volt-
age of 1V where ISET is the current through the external
resistor connected to the CTRL pin.
The AS110x family can drive up to 4 high-current LEDs.
The AS1101, AS1102, and AS1104 incorporate a chip-
enable feature via pin ON. When the devices are dis-
abled, the supply current drops to less than 1µA.
The devices are pin-to-pin compatible to the FAN5611,
FAN5612 and FAN5614.
The AS1101, AS1102, and AS1103 are available in a
6-pin SC70 package; the AS1104 is available in a 8-pin
MSOP package.
Figure 1. Typical Application Diagrams
2 Key Features
!
LED Drivers for Parallel-Connected LEDs
!
Ultra-Low Voltage Drop: Less Than 150mV (for Li-
ion Battery Support)
!
Analog and PWM Brightness Control
!
Up to 80mA per LED (AS1101)
!
Up to 40mA per LED (AS1102, AS1103, AS1104)
!
No Electromagnetic Interference, No Switching-
Noise
!
Current-Matching Requires No External Compo-
nents
!
Active-Low Shutdown Mode (AS1101, AS1102,
and AS1103)
!
Low Shutdown-Current: Less Than 1µA
!
SC70-6 Package (AS1101, AS1102, and AS1103)
!
MSOP-8 Package (AS1104)
!
Pin-to-Pin Compatible to FAN5611, FAN5612, and
FAN5614
3 Applications
The AS110x devices are ideal for LED displays and key-
board backlights, as well as lighting management units
for battery powered audio devices such as MP3 and CD
players, mobile and cordless phones, PDAs, portable
DVD players, and consumer electronics.
CTRL
GND
AS1104
ISET
4 Diode Control with On/Off
I2
I1
I3
I4
VIN
VSET(3V)
RSET
CTRL
GND
AS1102
ISET
3 Diode Control with On/Off
I2
I1
I3
VIN
RSET
ON
ENABLE
CTRL
GND
AS1103
ISET
4 Diode Control
I2
I1
I3
I4
VIN
RSET
ON
ENABLE
CTRL
GND
AS1101
ISET
2 Diode Control with On/Off
I1/I2
I3/I4
VIN
RSET
ON
ENABLE
VSET(3V)
VSET(3V)
VSET(3V)


Similar Part No. - AS1103

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1103 AMSCO-AS1103 Datasheet
481Kb / 13P
Low-Dropout LED Drivers
AS1103 AMSCO-AS1103 Datasheet
912Kb / 14P
Low-Dropout LED Drivers
AS1103-T AMSCO-AS1103-T Datasheet
481Kb / 13P
Low-Dropout LED Drivers
AS1103-T AMSCO-AS1103-T Datasheet
912Kb / 14P
Low-Dropout LED Drivers
logo
ams-OSRAM AG
AS1103-T AMSOSRAM-AS1103-T Datasheet
1Mb / 15P
Low-Dropout LED Drivers
Revision 1.5
More results

Similar Description - AS1103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5611 FAIRCHILD-FAN5611 Datasheet
168Kb / 12P
Low-Dropout LED Drivers for White, Blue or any Color LED
FAN5611 FAIRCHILD-FAN5611_06 Datasheet
702Kb / 14P
Low-Dropout LED Drivers for White, Blue, or any Color LED
logo
YOBON TECHNOLOGIES,INC.
YB1303 YOBON-YB1303 Datasheet
443Kb / 8P
Low Dropout LED Driver
logo
Exar Corporation
SP7612 EXAR-SP7612 Datasheet
463Kb / 14P
Low Dropout Linear LED Driver
logo
ams AG
AS1101 AMSCO-AS1101_1 Datasheet
481Kb / 13P
Low-Dropout LED Drivers
AS1101 AMSCO-AS1101_04 Datasheet
912Kb / 14P
Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1101 TAOS-AS1101 Datasheet
912Kb / 14P
Low-Dropout LED Drivers
AS1102 TAOS-AS1102 Datasheet
912Kb / 14P
Low-Dropout LED Drivers
AS1107 TAOS-AS1107 Datasheet
1Mb / 22P
Low-Dropout LED Drivers
logo
ams AG
AS1111 AMSCO-AS1111 Datasheet
803Kb / 22P
Low?밆ropout LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com