Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1103 Datasheet(PDF) 5 Page - ams AG

Part # AS1103
Description  Low-Dropout LED Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1103 Datasheet(HTML) 5 Page - ams AG

  AS1103 Datasheet HTML 1Page - ams AG AS1103 Datasheet HTML 2Page - ams AG AS1103 Datasheet HTML 3Page - ams AG AS1103 Datasheet HTML 4Page - ams AG AS1103 Datasheet HTML 5Page - ams AG AS1103 Datasheet HTML 6Page - ams AG AS1103 Datasheet HTML 7Page - ams AG AS1103 Datasheet HTML 8Page - ams AG AS1103 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.austriamicrosystems.com
Revision 1.3
5 - 13
AS1101, AS1102, AS1103, AS1104
austriamicrosystems
Data Sheet
6 Typical Performance Characteristics
I
SET vs V CTRL
0
10
20
30
40
50
60
70
80
90
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
V
CTRL (V )
AS1102-AS1104
I
LED vs V SAT
5
10
15
20
25
30
0.0
0.2
0.4
0.6
0.8
1.0
V
SAT (V )
ISET = 100µA
ISET = 50µA
ISET = 25µA
AS1101
I
LED vs V SAT
5
10
15
20
25
30
35
0.00.2
0.40.6
0.81.0
V
SAT (V )
ISET = 50µA
ISET = 25µA
AS1102-AS1104
I
LED vs RSET
4
6
8
10
12
14
16
18
20
22
0
20
40
60
80
100
120
140
160
R
SET (k Ω)
Vsat=0.6V
Vsat=0.5V
Vsat=0.4V
Vsat=0.3V
AS1102-AS1104
I
LED vs RSET
0
5
10
15
20
25
30
35
0
20
40
60
80
100
120
140
160
180
200
R
SET (k Ω)
Vsat=1V
Vsat=0.6V
Vsat=0.3V
Vsat=0.15V
AS1101
I
LED vs RSET
2
4
6
8
10
12
14
16
18
20
22
10
20
30
40
50
60
70
80
90
100
R
SET (k Ω)
Vsat=0.30V
Vsat=0.25V
Vsat=0.20V
Vsat=0.15V
Vsat=0.10V
Vsat=0.05V
I
LED vs Te m pe r atur e (V LED = 0.25V , ISET = 50µA)
11
11.5
12
12.5
13
-40
-20
0
20
40
60
80
100
Te m perature (°C)
I
SET vs V SET (RSET = 30k Ω)
0
10
20
30
40
50
60
70
80
90
100
0.00.5
1.01.5
2.02.5
3.03.5
4.0
V
SET (V )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com