Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1108PL Datasheet(PDF) 10 Page - ams AG

Part # AS1108PL
Description  4-Digit LED Display Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1108PL Datasheet(HTML) 10 Page - ams AG

Back Button AS1108PL Datasheet HTML 6Page - ams AG AS1108PL Datasheet HTML 7Page - ams AG AS1108PL Datasheet HTML 8Page - ams AG AS1108PL Datasheet HTML 9Page - ams AG AS1108PL Datasheet HTML 10Page - ams AG AS1108PL Datasheet HTML 11Page - ams AG AS1108PL Datasheet HTML 12Page - ams AG AS1108PL Datasheet HTML 13Page - ams AG AS1108PL Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.austriamicrosystems.com
Revision 2.1
10 - 19
AS1108
austriamicrosystems
Data Sheet
Digit- and Control-Registers
Intensity Control Register (0xXA)
The brightness of the display can be controlled by digital means using the Intensity Control Register and by analog
means using RSET (see Selecting RSET Resistor Value and Using External Drivers on page 12).
Display brightness is controlled by an integrated pulse-width modulator which is controlled by the lower-nibble of the
Intensity Control Register. The modulator scales the average segment-current in 16 steps from a maximum of 31/32
down to 1/32 of the peak current set by RSET.
Scan-Limit Register (0x0B)
The Scan-Limit Register controls which of the digits are to be displayed. When all 4 digits are to be displayed, the
update frequency is typically 1600Hz. If the number of digits displayed is reduced, the update frequency is increased.
The frequency can be calculated using 8fOSC/N, where N is the number of digits. Since the number of displayed digits
influences the brightness, RSET should be adjusted accordingly. Table 15 lists the maximum allowed current when
fewer than 4 digits are used.
Note: To avoid differences in brightness this register should not be used to blank parts of the display (leading zeros).
Table 13. Intensity Register Format (Address (HEX) = 0xXA))
Duty Cycle
HEX Code
Register Data
AS1108
D7
D6
D5
D4
D3
D2
D1
D0
1/32 (min on)
0xX0
X
X
X
X
0
0
0
0
3/32
0xX1
X
X
X
X
0
0
0
1
5/32
0xX2
X
X
X
X
0
0
1
0
7/32
0xX3
X
X
X
X
0
0
1
1
9/32
0xX4
X
X
X
X
0
1
0
0
11/32
0xX5
X
X
X
X
01
01
13/32
0xX6
X
X
X
X
0
1
1
0
15/32
0xX7
X
X
X
X
0
1
1
1
17/32
0xX8
X
X
X
X
1
0
0
0
19/32
0xX9
X
X
X
X
1
0
0
1
21/32
0xXA
X
X
X
X
1
0
1
0
23/32
0xXB
X
X
X
X
1
0
1
1
25/32
0xXC
X
X
X
X
1
1
0
0
27/32
0xXD
X
X
X
X
1
1
0
1
29/32
0xXE
X
X
X
X
1
1
1
0
31/32 (max on)
0xXF
X
X
X
X
1
1
1
1
Table 14. Scan-Limit Register Format (Address (HEX) = 0xXB))
Scan Limit
HEX Code
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Display digit 0 only (see Table 15)
0xX0
XXXX
X
0
0
0
Display digits 0:1 (see Table 15)
0xX1
XXXX
X
0
0
1
Display digits 0:2 (see Table 15)
0xX2
XXXX
X
0
1
0
Display digits 0:3
0xX3
XXXX
X
0
1
1
Table 15. Maximum Segment Current for 1-, 2-, or 3-Digit Displays
Number of Digits Displayed
Maximum Segment Current (mA)
110
220
330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com