Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1108PL Datasheet(PDF) 15 Page - ams AG

Part # AS1108PL
Description  4-Digit LED Display Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1108PL Datasheet(HTML) 15 Page - ams AG

Back Button AS1108PL Datasheet HTML 11Page - ams AG AS1108PL Datasheet HTML 12Page - ams AG AS1108PL Datasheet HTML 13Page - ams AG AS1108PL Datasheet HTML 14Page - ams AG AS1108PL Datasheet HTML 15Page - ams AG AS1108PL Datasheet HTML 16Page - ams AG AS1108PL Datasheet HTML 17Page - ams AG AS1108PL Datasheet HTML 18Page - ams AG AS1108PL Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
www.austriamicrosystems.com
Revision 2.1
15 - 19
AS1108
austriamicrosystems
Data Sheet
Pin Assignments
9 Pinout and Packaging
Pin Assignments
Figure 12. DIP and SO Pin Assignments (Top View)
Pin Descriptions
Table 24. Pin Descriptions
Pin
Name
Pin
Number
Description
DOUT
1
Serial-Data Output. The data into pin DIN is valid at pin DOUT 16.5 clock
cycles later. This pin is used to daisy-chain several AS1108 devices and is
never high-impedance.
DIN
2
Serial-Data Input. Data is loaded into the internal 16-bit shift register on the
rising edge of pin CLK.
DIG 0:DIG 3
3, 5, 6, 8
Digit Drive Lines. 4 four-digit drive lines that sink current from the display
common cathode. The AS1108 pulls the digit outputs to VDD when turned
off.
GND
4, 7
Ground. Both GND pins must be connected.
LOAD/CSN
9
Load-Data Input. The last 16 bits of serial data are latched on the rising
edge of this pin.
Chip-Select Input (AS1108 SPI-enabled only). Serial data is loaded into the
shift register while this pin is low. The last 16 bits of serial data are latched
on the rising edge of this pin.
CLK
10
Serial-Clock Input. 10MHz maximum rate. Data is shifted into the internal
shift register on the rising edge of this pin. Data is clocked out of DOUT on
the falling edge of this pin. On the AS1108 SPI-enabled, the CLK input is
active only while pin LOAD/CSN is low.
SEG A:SEG G, SEG DP
11, 12, 13,
14, 17, 18,
19, 20
Seven Segment and Decimal Point Drive Lines. 8 seven-segment drives
and decimal point drive that source current to the display. When a segment
driver is turned off it is pulled to GND.
ISET
15
Set Segment Current. Connect to VDD through RSET to set the peak
segment current (see Selecting RSET Resistor Value and Using External
Drivers on page 12).
VDD
16
Positive Supply Voltage. Connect to +2.7 to +5.5V supply.
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
SEG D
SEG DP
SEG E
SEG C
VDD
ISET
SEG G
SEG B
SEG F
SEG A
DOUT
DIN
DIG 0
GND
DIG 2
DIG 3
GND
DIG 1
LOAD/CSN
CLK
AS1108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com