Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1108WL Datasheet(PDF) 1 Page - ams AG

Part # AS1108WL
Description  4-Digit LED Display Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1108WL Datasheet(HTML) 1 Page - ams AG

  AS1108WL Datasheet HTML 1Page - ams AG AS1108WL Datasheet HTML 2Page - ams AG AS1108WL Datasheet HTML 3Page - ams AG AS1108WL Datasheet HTML 4Page - ams AG AS1108WL Datasheet HTML 5Page - ams AG AS1108WL Datasheet HTML 6Page - ams AG AS1108WL Datasheet HTML 7Page - ams AG AS1108WL Datasheet HTML 8Page - ams AG AS1108WL Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AS1108
4-Digit LED Display Driver
www.austriamicrosystems.com
Revision 2.1
1 - 19
austriamicrosystems
Data Sh eet
1 General Description
The AS1108 is a compact display driver for 7-segment
numeric displays of up to 4 digits. The device can be
programmed via SPI, QSPI, and Microwire as well as a
conventional 4-wire serial interface.
The device includes an integrated BCD code-B/HEX
decoder, multiplex scan circuitry, segment and display
drivers, and a 32-bit memory. Internal memory stores
the LED settings, eliminating the need for continuous
device reprogramming.
Every segment can be individually addressed and
updated separately. Only one external resistor (RSET) is
required to set the current through the LED display. LED
brightness can be controlled by analog or digital means.
The device can be programmed to use the internal
code-B/HEX decoder to display numeric digits or to
directly address each segment.
The AS1108 features an extremely low shutdown cur-
rent of typically 3µA, and an operational current of less
than 500µA. The number of digits can be programmed,
the device can be reset by software, and an external
clock is also supported. Additionally, segment blinking
can be synchronized across multiple drivers.
The AS1108 provides several test modes for easy appli-
cation debugging.
The device is available in a 20-pin DIP and a 20-pin
SOIC package.
Figure 1. Typical Application Diagram
2 Key Features
!
10MHz SPI-, QSPI-, Microwire-Compatible
Serial I/O
!
Individual LED Segment Control
!
Segment Blinking Control (can be synchronized
across multiple drivers)
!
Hexadecimal- or BCD-Code/No-Decode
Digit Selection
!
3µA Low-Power Shutdown Current (typ;
data retained)
!
Extremely Low Operating Current 0.5mA in
Open-Loop
!
Digital and Analog Brightness Control
!
Display Blanked on Power-Up
!
Drive Common-Cathode LED Displays
!
Supply Voltage Range: +2.7 to +5.5V
!
Software Reset
!
Optional External Clock
!
Packages:
- 20-pin DIP
- 20-pin SOIC
3 Applications
The AS1108 is ideal for bar-graph displays, instrument-
panel meters, LED matrix displays, dot matrix displays,
set-top boxes, white goods, professional audio equip-
ment, medical equipment, industrial controllers and
panel meters.
AS1108
4-Digit Microprocessor Display
DIG0 to
DIG3
SEG A to G
SEP DP
4 Digits
8 Segments
I/O
I/O
SCK
VDD
ISET
DIN
CLK
GND
GND
LOAD/CSN
+5V
9.53k
Ω
Micro-
processor


Similar Part No. - AS1108WL

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1108WL AMSCO-AS1108WL Datasheet
592Kb / 19P
4-Digit LED Display Driver
AS1108WL AMSCO-AS1108WL Datasheet
1Mb / 21P
4-Digi t LED Display Dr iver
logo
ams-OSRAM AG
AS1108WL AMSOSRAM-AS1108WL Datasheet
1Mb / 22P
4-Digi t LED Display Dr iver
Revision 2.13
logo
ams AG
AS1108WL-T AMSCO-AS1108WL-T Datasheet
592Kb / 19P
4-Digit LED Display Driver
AS1108WL-T AMSCO-AS1108WL-T Datasheet
1Mb / 21P
4-Digi t LED Display Dr iver
More results

Similar Description - AS1108WL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7218 MAXIM-ICM7218 Datasheet
460Kb / 12P
8 Digit LED Display Driver
logo
Intersil Corporation
ICM7211AM INTERSIL-ICM7211AM Datasheet
258Kb / 7P
4-Digit, LCD Display Driver
November 16, 2004
ICM7211A INTERSIL-ICM7211A Datasheet
162Kb / 9P
4-Digit, LCD Display Driver
ICM7211AM INTERSIL-ICM7211AM_06 Datasheet
204Kb / 8P
4-Digit, LCD Display Driver
April 17, 2006
logo
BetLux Electronics
BL-Q25E-41S BETLUX-BL-Q25E-41S Datasheet
136Kb / 4P
LED NUMERIC DISPLAY, 4 DIGIT
REV NO: V.2
BL-Q25E-41S BETLUX-BL-Q25E-41S Datasheet
136Kb / 4P
LED NUMERIC DISPLAY, 4 DIGIT
REV NO: V.2
BL-Q28M-41S BETLUX-BL-Q28M-41S Datasheet
74Kb / 4P
LED NUMERIC DISPLAY, 4 DIGIT
REV NO: V.2
logo
ams AG
AS1108 AMSCO-AS1108_1 Datasheet
592Kb / 19P
4-Digit LED Display Driver
logo
Intersil Corporation
ICM7211AMlM44 INTERSIL-ICM7211AMlM44 Datasheet
223Kb / 9P
4-Digit, LCD Display Driver
October 22, 2015
logo
Renesas Technology Corp
ICM7211AM RENESAS-ICM7211AM Datasheet
459Kb / 9P
4-Digit, LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com