Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1901 Datasheet(PDF) 5 Page - ams AG

Part # AS1901
Description  Ultra Low-Power uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1901 Datasheet(HTML) 5 Page - ams AG

  AS1901 Datasheet HTML 1Page - ams AG AS1901 Datasheet HTML 2Page - ams AG AS1901 Datasheet HTML 3Page - ams AG AS1901 Datasheet HTML 4Page - ams AG AS1901 Datasheet HTML 5Page - ams AG AS1901 Datasheet HTML 6Page - ams AG AS1901 Datasheet HTML 7Page - ams AG AS1901 Datasheet HTML 8Page - ams AG AS1901 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.austriamicrosystems.com
Revision 1.5
5 - 9
AS1901, AS1902, AS1903
austriamicrosystems
Data Sheet
7 Options
Table 3. Coding of Factory-trimmed Reset Active Time-Out Period
Device
Suffix
tTP in Milliseconds
Min
Typ
Max
AS190x_xx
A
3
5
8
AS190x_xx
B
12
20
32
AS190x_xx
C
60
100
160
AS190x_xx
D
300
500
800
Table 4. Output Variants
Device
Output Functionality
AS1901xxx
Active Low (RESETN)
AS1902xxx
Active High (RESET)
AS1903xxx
Open Drain (RESETN)
Table 5. Coding of Factory-Trimmed Reset Threshold Voltages
Device
Suffix
Reset Threshold Voltage, VTH in V
TA = +25°C
TA = -40 to +85°C
Min
Typ
Max
Min
Max
AS190xx__
22
2.167
2.2
2.233
2.145
2.255
AS190xx__
23
2.285
2.32
2.355
2.262
2.378
AS190xx__
24
2.364
2.4
2.436
2.340
2.460
AS190xx__
25
2.463
2.5
2.538
2.438
2.563
AS190xx__
26
2.591
2.63
2.669
2.564
2.696
AS190xx__
27
2.660
2.7
2.741
2.633
2.768
AS190xx__
28
2.758
2.8
2.842
2.730
2.870
AS190xx__
29
2.886
2.93
2.974
2.857
3.003
AS190xx__
30
2.955
3.0
3.045
2.925
3.075
AS190xx__
31
3.034
3.08
3.126
3.003
3.157



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com