Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1901 Datasheet(PDF) 6 Page - ams AG

Part # AS1901
Description  Ultra Low-Power uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1901 Datasheet(HTML) 6 Page - ams AG

  AS1901 Datasheet HTML 1Page - ams AG AS1901 Datasheet HTML 2Page - ams AG AS1901 Datasheet HTML 3Page - ams AG AS1901 Datasheet HTML 4Page - ams AG AS1901 Datasheet HTML 5Page - ams AG AS1901 Datasheet HTML 6Page - ams AG AS1901 Datasheet HTML 7Page - ams AG AS1901 Datasheet HTML 8Page - ams AG AS1901 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.austriamicrosystems.com
Revision 1.5
6 - 9
AS1901, AS1902, AS1903
austriamicrosystems
Data Sheet
Pin Assignments
8 Pinout and Packaging
8.1 Pin Assignments
Figure 2. Pin Assignments (Top View)
8.2 Pin Descriptions
Table 6. Pin Descriptions
Pin Number
Pin Name
Description
AS1901/AS1903
AS1902
11
GND
Ground
2
-
RESETN
Active-low reset output. RESETN remains low while VDD is
below the reset threshold and for tTP after VDD rises above
the reset threshold. RESETN is open-drain on the AS1903
and push-pull on the AS1901.
-
2
RESET
Active-high reset output. RESET remains high while VDD is
below the reset threshold and for tTP after VDD rises above
the reset threshold.
33
VDD
Supply voltage.
3
1
2
Top View
AS1901
AS1902
AS1903
SOT23-3
VDD
GND
RESETN,
RESET



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com