Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  NXP i.MX8M Plus Cortex®-A53 2.5 SBC with UIO40-Express
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.advantech.com/products
Online Download
RSB-3720
Packing List
Part Number
Description
RSB-3720
RSB-3720 2.5" SBC with Heat Sink
Optional Accessories
Part Number
Description
96PSA-A36W12W7-5
ADP A/D 100-240V 36W 12V C6 LOCK DC JACK 62368
1700001524
Power Cord 3P UL 10A 125V 180cm
170203183C
Power Cord 3P Europe (WS-010+WS-083) 183cm
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83M
1700008921
Power Cord 3P PSE 183cm
1700019146
Power Cord CCC 3P 10A 250V 187cm
1700030307-01
UIO40 extending cable of RSB-3430, 3COM&8GPIO
1700031429-01
Line out cable
1700026878-01
Mic. in cable
1700100250
Debug Cable 10P-2.0/D-SUB 9P(M) 25CM
1700019474
RS-232 Cable DB9 female to DB9 female
96LEDK-A070WV40NB1
LVDS 7" Panel G070VW01 V0 (VDD: 3.3V, Backlight Power: 12V)
1700021883-01
LVDS Cable
1700032155-01
LVDS BKLT Cable
AIW-154BN
802.11ac+BT5.0 NXP 88W8997 M.2 2230 PCIe+UART
1750008717-01
Dipole Ant. D.B 2.4/5G WIFI 3dBi SMA/M-R BLK
1750007965-01
Antenna Cable R/P SMA (M) to MHF4, 300mm
AIW-344FQ-J01*
AIW-3 series LTE CAT4 mini PCI-e module for JP
1750008303-01
Antenna AN0727-64SP6BSM
1750006009
Antenna Cable SMA (F) to MHF 1.32 25cm
* Please contact us to get suitable celluar module for your region.
Ordering Information
Part No.
CPU
Memory
Flash Memory
HDMI
LVDS
LAN
USB Host
SD
CANbus
Interface by
UIO40-Express
Operating
Temperature
RSB-3720CD-BCA2E
NXP i.MX8M Plus
Dual 1.8 GHz
4 GB
16 GB
1
2
2
2
1
2
1 USB3.2 Gen1 By 1,
3 USB2.0, 10 GPIO,
2 UART, 1 CANbus,
1 I2C
0 ~ 60 °C
RSB-3720WD-BCA2E
NXP i.MX8M Plus
Dual 1.6 GHz
4 GB
16 GB
1
2
2
2
1
2 (1 with CAN-FD)
-40 ~ 85 °C
RSB-3720CQ-ACA2E
NXP i.MX8M Plus
Quad 1.8 GHz
6 GB
16 GB
1
2
2
2
1
2
0 ~ 60 °C
RSB-3720WQ-ACA2E
NXP i.MX8M Plus
Quad 1.6 GHz
6 GB
16 GB
1
2
2
2
1
2 (1 with CAN-FD)
-40 ~ 85 °C
Dimensions
Unit: mm
Block Diagram
Front I/O on RSB-3720
I2C1
QSPIA
32bits LPDDR4
UIO1
UIO2
eMMC
I2C1
RGMII x2
SAI2
UART1(4-wire)
uSDHC1
I2C1
PCIe
USB3
USB3.2 Gen1 By 1 x1
USB4
Power
GPIO x1
USB 2.0
USB 1/2/3
USB 1
COM2
COM4
(Default congured
as debug console)
USB3.2 Gen1
GPIO x2
GPIO x8
I2C4
FlexCAN2
*Support CAN-FD in Wide temp. SKUs: RSB-3720WQ/RSB-3720WD
UART2
UART4
UART3(4-wire)
RTC Battery
Pin
Header
QSPI
LED
SEIKO
S-35390A
PMIC
NXP_PCA9450CHN
GbE PHY x2
uSDHC2
DDC
HDMI
I2C1
BKLT
4-LaneMIPI-DSI x1 & LVDS x2
SIM Slot
RTL8211FS
I2C1
Audio Codec
SGTL5000
WDT
TI_MSP430
TPM
ST_ST33H
Microchip
USB2514B
RS-232
Transceiver
TI_MAX3243
RS-232/422/485
CP339
FlexCAN1
CAN-FD or CANbus*
NXP i.MX8M Plus
Up to 4x Cortex-A53
SAI3
USB2.0
USB1
USB2
Microchip
USB2514B
Micro SD
USB3.0 + USB2.0
Type A Stacking
Connector
HDMI Connector
Dual Channel LVDS
I2C2
4-Lane MIPI-CSI2-1
Connector
Reset Button
I2C3
4-Lane MIPI-CSI2-2
Connector
Line Out
Mic In Pin Header
Backlight Connector x2
MINI PCIe
M.2 (Key E) x1
12V DC-Jack



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com