Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  NXP i.MX8M Plus Cortex®-A53 2.5 SBC with UIO40-Express
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RISC Computing Platforms
Features
ƒ
NXP Arm® Cortex®-A53 i.MX8M Plus Quad/Dual up to 1.8 GHz
ƒ
Onboard LPDDR4 4 GB/ 6 GB, 4000MT/s memory
ƒ
HDMI 1920x1080 at 60Hz, 1 Single or 1 Dual Channel 24 bit LVDS
(or 1 4-Lane MIPI-DSI by BOM Option)
ƒ
1 4-wire RS-232/422/485, 1 USB3.2 Gen1 By 1, 1 USB2.0, 1 Micro SD,
1 Mic. in / Line out
ƒ
1 mini-PCIe for 3G/4G, 1 M.2 2230 Key E Slot
ƒ
Supports Yocto Linux and Android
ƒ
Support I/O Expansions by UIO40-Express I/O boards, please refer to page
#3 for more information
RSB-3720
NXP i.MX8M Plus Cortex®-A53 2.5" SBC
with UIO40-Express
Specifications
Form Factor
2.5" SBC with UIO40-Express for I/O Expansions
Processor System
CPU
NXP i.MX8M Plus Cortex-A53 Quad/Dual core (up to 1.8GHz)
Memory
Technology
LPDDR4 4000MT/s
Capacity
On-board 4 GB / 6 GB
Flash
16 GB eMMC Flash for O.S. and 8 MB QSPI NOR Flash for board information
NPU
NPU
2.3 TOP/s Neural Network Performance (Support AI models based on Tensorflow Lite and armNN Framework)
Graphics
HDMI
1 HDMI 2.0a, up to 3840 x 2160 at 30Hz
LVDS
1 Single Channel or 1 Dual Channel 24 Bit LVDS, Backlight power, 5/12V, Max. 1A
MIPI-DSI
1 4-Lane MIPI-DSI (shared with LVDS connector) by BOM option
Graphics Engine
GC7000UL with 2D/3D Graphic Acceleration supporting 1G Pixel/s, OpenVG 1.1, Open GL ES3.1, Vulkan,
and Open CL 1.2 FP.
H/W Video Codec
Decoder: 1080p60 HEVC/H.265 Main, VP9 Profile 0/2, VP8, AVC/H.264 Baseline/Main/High
Encoder: 1080p60 AVC/H.264, HEVC/H.265
Ethernet
Chipset
NXP i.MX8M Plus integrated RGMII
Speed
2 10/100/1000 Mbps
WatchDog Timer
WatchDog Timer
1~6553s, power on/off 4s
I/O
USB
1 USB3.2 Gen1 By 1 Host, 1 USB2.0 Host
Audio
1 Mic. in / Line out by pin header
CAN
1 CANbus for RSB-3720CQ/CD or 1 CAN-FD for RSB-3720WQ/WD by COM1 pin header*
Serial Port
1 4 wires RS-232/422/485 by COM1 pin header* (default configured as debug console)
Camera Input
2 4-Lane MIPI-CSI2
UIO40-Express
1 USB3.2 Gen1 By 1, 3 USB2.0, 10 GPIO, 2 UART, 1 CANbus, 1 I2C
Indicator
LED
1 Power LED
1 Programmable LED
Expansion
Mini PCIe
1 Full Size Mini PCIe Slot (USB Signal Only)
M.2
1 M.2 2230 Key E Slot (USB/PCIe/SDIO/UART/I2S)
SD Socket
1 Micro SD Socket
SIM Slot
1 Nano SIM Slot
Power
Power Supply Voltage
+12 V
Power Type
Lockable DC-Jack (2pin type connector by BOM option)
Power Consumption
7.13W
Environment
Operating Temperature
0 ~ 60 °C / -40 ~ 85 °C
Operating Humidity
5%~95% Relative humidity, non-condensing
Mechanical
Dimensions
100 x 72 x 19 mm
Weight
0.05kg
Operation System
Yocto Linux & Android
Certifications
CE/FCC Class B
*COM1 pin header shared by serial port and CANbus
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 1-Aug-2022


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3720 ADVANTECH-EPC-R3720 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
ROM-5720 ADVANTECH-ROM-5720 Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5721 ADVANTECH-ROM-5721 Datasheet
2Mb / 4P
NXP i.MX8M Mini Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5722 ADVANTECH-ROM-5722 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 SMARC 2.1 Computer-on-Module
16-Aug-2022
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
RSB-3710 ADVANTECH-RSB-3710 Datasheet
710Kb / 2P
Rockchip RK3399 Cortex-A72 2.5 SBC with UIO40-Express
22-Apr-2022
RSB-3730 ADVANTECH-RSB-3730 Datasheet
1Mb / 4P
NXP iMX 8M Mini Cortex-A53 2.5 SBC
18-Jan-2022
RSB-3810 ADVANTECH-RSB-3810 Datasheet
3Mb / 6P
MediaTek Genio 1200 Cortex A78 & A55 2.5 SBC with UIO40-Express
19-May-2022
logo
AAEON Technology
SRT-IMX8P AAEON-SRT-IMX8P Datasheet
734Kb / 2P
Standard IoT Gateway with ARM i.MX8M Plus Quad-Core Cortex-A53 1.6GHz Processor
2023/01/05
SRG-IMX8P AAEON-SRG-IMX8P Datasheet
702Kb / 2P
Standard IoT Gateway with ARM i.MX8M Plus Quad-Core Cortex-A53 1.6GHz Processor
2023/01/11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com