Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-1408FS-PLUS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # USB-1408FS-PLUS
Description  12-bit and 14-Bit Multifunction DAQ Devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-1408FS-PLUS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  USB-1408FS-PLUS Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-1408FS-PLUS Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-1408FS-PLUS Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-1408FS-PLUS Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-1408FS-PLUS Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-1408FS-PLUS Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-1408FS-PLUS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Measurement Computing
(508) 946-5100
6
info@mccdaq.com
mccdaq.com
USB-1208FS-Plus/LS/1408FS-Plus Series
Power*
Supply Current
During USB enumeration: < 100 mA
After USB enumeration, including DIO, AO, SYNC, and +VO output
loading: < 500 mA
+VO power available after USB enumeration: 4.5 V min, 5.25 V max
+VO output current after USB enumeration: 100 mA max
General
Device type: USB 2.0 full-speed mode (12 Mbps)
Device compatibility: USB 1.1, 2.0
Environment
Operating temperature: 0 ˚C to 70 ˚C
Storage temperature: –40 ˚C to 70 °C
Relative humidity: 0% to 90% non-condensing
Signal I/O connector
USB-1208FS-Plus, USB-1408FS-Plus: 2 banks of screw-terminal blocks
USB-1208FS-Plus-OEM, USB-1408FS-Plus-OEM: Two 20-pin, 0.1 in. pitch
headers
Mechanical
Dimensions (L × W × H)
USB-1208FS-Plus, USB-1408FS-Plus: 79 × 82 × 27 mm (3.20 × 3.10 × 1.05 in.)
USB-1208FS-Plus-OEM, USB-1408FS-Plus-OEM: 81.28 × 70.36 × 13.72 mm
(3.20 × 2.77 × 0.54 in.)
USB-1208LS
Analog Input
A/D converter type: Successive approximation
Channels: 8 SE or 4 DIFF, programmable as SE or DIFF
Input voltage range for linear operation, SE mode
CHx to GND: ±10 V max
Input common-mode voltage range for linear operation, differential mode,
DIFF mode
CHx to GND: –10 V min, 20 V max
Absolute maximum input voltage
CHx to GND: ±40 V max
Input current
Input current is a function of applied voltage on the analog input channels. For
a given input voltage, Vin, the input leakage is approximately equal to (8.181
* Vin–12) µA
Vin = 10 V, 70 µA typ
Vin = 0 V, –12 µA typ
Vin = –10 V, –94 µA typ
Input impedance: 122 kΩ
Ranges: Software or selectable on a per-channel basis
SE mode: ±10 V
DIFF mode: ±20 V, ±10 V, ±5 V, ±4 V, ±2.5 V, ±2.0 V, ±1.25 V, ±1.0 V
Throughput
Maximum throughput scanning to computer memory depends on the
computer being used.
Software paced: 50 S/s typ, system-dependent
Hardware paced: 1.2 kS/s
BURSTIO to 4 kS FIFO: 8 kS/s
Channel gain queue: Up to 8 elements, software-selectable channel and range
Resolution
DIFF: 12 bits, no missing codes
SE: 11 bits (the AD7870 converter only returns 11-bits (0–2047 codes) in
SE mode)
CAL accuracy: CAL = 2.5 V, ±0.05% typ, ±0.25% max
Integral linearity error: ±1 least significant bit (LSB) typ
Differential linearity error: ±0.5 LSB typ
Repeatability: ±1 LSB typ
* Self-powered USB hubs and hosts have their own power supply. The USB
port(s) on your computer are root port hubs. All externally powered root
port hubs (desktop computers) provide up to 500 mA of current for a
USB device. Battery-powered root port hubs provide 100 mA or 500 mA,
depending upon the manufacturer. A laptop PC that is not connected to an
external power adapter is an example of a battery-powered root port hub.
Bus-powered USB hubs and hosts do not have their own power supply.
CAL current
Source: 5 mA max
Sink: 20 µA min, 200 nA typ
Trigger source (software-selectable): External digital (TRIG_IN)
Analog Input Accuracy
Range
Accuracy (LSB)
Differential Mode
±20 V
5.1
±10 V
6.1
±5 V
8.1
±4 V
9.1
±2.5 V
12.1
±2 V
14.1
±1.25 V
20.1
±1 V
24.1
Single-Ended Mode
±10 V
4.0
Accuracy Components, All Values are (±)
Range % of Reading
Gain Error at FS
(mV)
Offset
(mV)
Accuracy
at FS (mV)
Differential Mode
±20 V
0.2
40
9.766
49.766
±10 V
0.2
20
9.766
29.766
±20 V
0.2
40
9.766
49.766
±10 V
0.2
20
9.766
29.766
±5 V
0.2
10
9.766
19.766
±4 V
0.2
8
9.766
17.766
±2.5 V
0.2
5
9.766
14.766
±2 V
0.2
4
9.766
13.766
±1.25 V
0.2
2.5
9.766
12.266
±1 V
0.2
2
9.766
11.766
Single-Ended Mode
±10 V
0.2
20
19.531
39.531
Analog Output
D/A converter type: PWM
Resolution: 10 bits, 1 in 1024
Output range: 0 V to 5 V
Number of channels: 2
Throughput (software paced)
100 S/s single-channel mode
50 S/s dual-channel mode
Power on and reset voltage: Initializes to 000h code
Maximum voltage
Vs is the USB +5 V power. The maximum analog output voltage is equal to Vs
at no load. V is system-dependent and may be less than 5 V.
No load: Vs
1 mA load: 0.99 * Vs
5 mA load: 0.98 * Vs
Output drive (each D/A out): 30 mA
Slew rate: 0.14 V/ms typ
Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com