Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-1408FS-PLUS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB-1408FS-PLUS
Description  12-bit and 14-Bit Multifunction DAQ Devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-1408FS-PLUS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB-1408FS-PLUS Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-1408FS-PLUS Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-1408FS-PLUS Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-1408FS-PLUS Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-1408FS-PLUS Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-1408FS-PLUS Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-1408FS-PLUS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-1208FS-Plus/LS/1408FS-Plus Series
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
12-bit and 14-Bit Multifunction DAQ Devices
Analog Input
The USB-1208LS and USB-1208FS-Plus
provide eight, 11-bit SE analog inputs or
four, 12-bit DIFF analog inputs.
The USB-1408FS-Plus These devices pro-
vide eight, 13-bit SE analog inputs or four,
14-bit DIFF analog inputs.
All devices support software-selectable
ranges that provide inputs from ±1 V to
±20 V in a DIFF configuration, and ±10 V
in a SE configuration.
Sample Rate
USB-1208LS:When scanning in hardware-
paced mode, the USB-1208LS can sample
at a maximum of 1.2 kS/s.
The device also supports BURSTIO mode
into the 4 kS FIFO at rates up to 8 kS/s.
USB-1208FS-Plus/1408FS-Plus: In hard-
ware-paced mode, the USB-1208FS-Plus
can sample at a maximum of 50 kS/s,
and the USB-1408FS-Plus can sample at
a maximum of 48 kS/s.
Features
• Low-cost USB DAQ devices
with 4 differential or 8 single-
ended analog inputs
• Maximum sample rates ranging
from 1.2 kS/s to 50 kS/s
• 2 analog outputs
• 16 digital I/O
• One 32-bit counter input
channel
• No external power required
• All devices available with
enclosure and screw terminals
• Board-only OEM versions of
-Plus devices also available
Supported Operating Systems
• Windows®
11/10/8/7/Vista®XP
32/64-bit
• Linux®
• Android™ (-Plus devices only)
All devices in this series offer eight singled-ended or four differential analog inputs, two
analog outputs, 16 digital I/O, and one counter input. Eight of the digital I/O on the
USB-1208FS-Plus/1408FS-Plus can be used for high-current (24 mA) connections.
Overview
The USB-1208FS-Plus/LS/1408FS-Plus Series consists of low-cost analog and digital
I/O devices. All devices in this series offer four differential (DIFF) or eight single-
ended (SE) analog inputs, two analog outputs, 16 digital I/O and one event counter.
The USB-1208LS offers sample rates up to 1.2 kS/s, while all USB-1208FS-Plus and
USB-1408FS-Plus devices (standard and OEM) offer sample rates up to 50 kS/s.
All devices in this series also support multiple software-selectable voltage input
ranges, making them ideally suited for a wide assortment of measurements.
USB-1208FS/LS/1408FS Series Selection Chart
Specification
USB-1208LS
USB-1208FS-Plus
USB-1208FS-Plus-OEM
USB-1408FS-Plus
USB-1408FS-Plus-OEM
Analog Input
8 SE/4 DIFF
8 SE/4 DIFF
8 SE/4 DIFF
Maximum Sample
Rate
1.2 kS/s
50 kS/s
48 kS/s max
Analog Output
2
2
2
Concurrent AI/AO
Scanning Operations
–
✔
✔
Digital Output
±2.5 mA per Pin ±6.0 mA per Pin (Port A)
±24.0 mA per Pin
(Port B)
±6.0 mA per Pin (Port A)
±24.0 mA per Pin
(Port B)
Event Counters
1
1
1
DAQami Support
✔
✔
✔
UL for Android
Support
–
✔
✔
Linux Support
✔
✔
✔
Matlab Support
✔
✔
✔


Similar Part No. - USB-1408FS-PLUS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB-1024HLS ETC-USB-1024HLS Datasheet
836Kb / 7P
USB-DIO24, -1024, and -DIO96H Series
October 2018. Rev 4
USB-1024LS ETC-USB-1024LS Datasheet
836Kb / 7P
USB-DIO24, -1024, and -DIO96H Series
October 2018. Rev 4
logo
Coolgear Inc.
USB-12XU1CC COOLGEAR-USB-12XU1CC Datasheet
1Mb / 2P
12 Port USB Type C Charging Station 3 Amp Per Port
Rev 01.200716
USB-12XU1CH COOLGEAR-USB-12XU1CH Datasheet
1Mb / 2P
12 Port USB 2.0 Type C Charging Hub 3 Amp Per Port
Rev 01.200716
logo
List of Unclassifed Man...
USB-1602HS ETC-USB-1602HS Datasheet
749Kb / 7P
High-Speed Multifunction DAQ with Synchronous I/O
Rev 2, August 2017
More results

Similar Description - USB-1408FS-PLUS

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-6216 NI-NIUSB-6216 Datasheet
539Kb / 18P
Bus-Powered M Series Multifunction DAQ for USB - 16-Bit
logo
Advantech Co., Ltd.
PCI-1711U ADVANTECH-PCI-1711U_15 Datasheet
209Kb / 1P
100 kS/s, 12-bit, 16-ch Universal PCI Multifunction DAQ Card
PCI-1712 ADVANTECH-PCI-1712_15 Datasheet
204Kb / 1P
1 MS/s, 12-bit, 16-ch PCI Multifunction DAQ Card
PCIE-1810 ADVANTECH-PCIE-1810_15 Datasheet
218Kb / 1P
800 kS/s, 12-bit, 16-ch PCI Express Multifunction DAQ Car
USB-4702-AE ADVANTECH-USB-4702-AE Datasheet
196Kb / 1P
10 kS/s, 12-bit, 8-ch Multifunction DAQ USB Module
USB-4711A ADVANTECH-USB-4711A_15 Datasheet
159Kb / 1P
150 kS/s, 12-bit, 16-ch Multifunction DAQ USB Module
logo
Keysight Technologies
U2531A KEYSIGHT-U2531A Datasheet
390Kb / 14P
U2500A Series USB Modular Simultaneous Sampling Multifunction DAQ Devices
logo
List of Unclassifed Man...
USB-1608G ETC-USB-1608G Datasheet
1Mb / 6P
16-Bit High-Speed Multifunction DAQ Devices
April 2018. Rev 9
USB-2416 ETC-USB-2416 Datasheet
918Kb / 5P
24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
USB-2408 ETC-USB-2408 Datasheet
938Kb / 6P
24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com