Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61301 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP61301
Description  2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61301 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP61301 Datasheet HTML 10Page - Diodes Incorporated AP61301 Datasheet HTML 11Page - Diodes Incorporated AP61301 Datasheet HTML 12Page - Diodes Incorporated AP61301 Datasheet HTML 13Page - Diodes Incorporated AP61301 Datasheet HTML 14Page - Diodes Incorporated AP61301 Datasheet HTML 15Page - Diodes Incorporated AP61301 Datasheet HTML 16Page - Diodes Incorporated AP61301 Datasheet HTML 17Page - Diodes Incorporated AP61301 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AP61300/AP61302
Document number: DS43404 Rev. 3 - 2
14 of 21
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61300/AP61302
Application Information (continued)
3
Enable
When disabled, the device shutdown supply current is only 0.1
μA. When applying a voltage greater than the EN logic high threshold (typical 0.91V,
rising), the AP61300/AP61302 enables all functions and the device initiates the soft-start phase. The AP61300/AP61302 has a built-in 0.5ms soft-
start time to prevent output voltage overshoot and inrush current. When the EN voltage falls below its logic low threshold (typical 0.83V, falling),
the internal SS voltage discharges to ground and device operation disables.
The device operates in PFM when a logic high voltage is applied to the EN pin greater than VIN
– 200mV. Tying the EN pin to the VIN pin is
sufficient to achieve this threshold condition.
The device operates in PWM regardless of output load when a logic high voltage is applied to the EN pin less than VIN
– 200mV. Using an
external resistive divider to create a difference in voltage between the VIN and EN pins is sufficient to achieve this threshold condition.
AP61302
VIN
EN
SW
FB
GND
INPUT
R1
200kΩ
R2
100kΩ
C2
22µF
C1
22µF
OUTPUT
VOUT
1.8V
PG
L
1μH
C3
33pF
R3
100kΩ
R4
200kΩ
Figure 41. Example Application Circuit for Forced PWM Operation
4
Power-Good (PG) Indicator (AP61302)
The PG pin of AP61302 is an open-drain output that is actively held low during the soft-start period until the output voltage reaches 95% of its
target value. When the output voltage is outside of its regulation by ±10%, PG pulls low until the output returns within 5% of its set value. The PG
rising edge transition is delayed by 40
μs. The PG pin is connected to VIN through an internal 5MΩ pull-up resistor.
5
Undervoltage Lockout (UVLO) and Input Overvoltage Protection (OVP)
Undervoltage lockout is implemented to protect the IC from insufficient input voltages. The AP61300/AP61302 disables if the input voltage falls
below 2.2V. In this UVLO event, both the high-side and low-side power MOSFETs turn off and the 125
Ω active discharge enables to discharge the
output voltage to ground.
Similarly, input overvoltage protection is implemented to protect the IC from excess input voltages. The AP61300/AP61302 disables if the input
voltage rises above 6.3V. In this OVP event, both the high-side and low-side power MOSFETs turn off and the 125
Ω active discharge enables to
discharge the output voltage to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com