Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61301 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP61301
Description  2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61301 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP61301 Datasheet HTML 1Page - Diodes Incorporated AP61301 Datasheet HTML 2Page - Diodes Incorporated AP61301 Datasheet HTML 3Page - Diodes Incorporated AP61301 Datasheet HTML 4Page - Diodes Incorporated AP61301 Datasheet HTML 5Page - Diodes Incorporated AP61301 Datasheet HTML 6Page - Diodes Incorporated AP61301 Datasheet HTML 7Page - Diodes Incorporated AP61301 Datasheet HTML 8Page - Diodes Incorporated AP61301 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AP61300/AP61302
Document number: DS43404 Rev. 3 - 2
1 of 21
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61300/AP61302
2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Description
The DIODESTM AP61300/AP61302 is a 3A, synchronous buck
converter with a wide input voltage range of 2.4V to 5.5V. The device
fully integrates a 70
mΩ high-side power MOSFET and a 50mΩ low-
side power MOSFET to provide high-efficiency step-down DC-DC
conversion.
The AP61300/AP61302 device is easily used by minimizing the
external component count due to its adoption of Constant On-Time
(COT) control to achieve fast transient response, easy loop
stabilization, and low output voltage ripple.
The device is available in a SOT563 package.
Features
VIN: 2.4V to 5.5V
Output Voltage (VOUT): 0.6V to VIN
3A Continuous Output Current
0.6V ±2% Reference Voltage
19
μA Low Quiescent Current (Pulse Frequency Modulation)
2.2MHz Switching Frequency (VIN = 5V, VOUT = 1.8V)
Up to 84% Efficiency at 5mA Light Load
Programmable Operation Mode Through EN
Pulse Frequency Modulation
Pulse Width Modulation Regardless of Output Load
Low-Dropout (LDO) Mode
Power-Good Indicator
AP61302
Protection Circuitry
Undervoltage Lockout (UVLO)
VIN Overvoltage Protection (OVP)
Peak Current Limit
Valley Current Limit
Thermal Shutdown
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
An Automotive-Compliant Part is Available Under Separate
Datasheet (AP61300Q/AP61302Q)
Pin Assignments
1
2
3
4
5
6 OUT
EN
SW
VIN
GND
FB
(Top View)
AP61300
1
2
3
4
5
6 PG
EN
SW
VIN
GND
FB
SOT563
AP61302
Applications
5V distributed power bus supplies
White goods and small home appliances
FPGA, DSP, and ASIC supplies
Network video cameras
Wireless routers
Consumer electronics
General purpose point of loads
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP61301

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP61300 DIODES-AP61300 Datasheet
355Kb / 2P
Tiny, Ultra-Low IQ, 400mA COT, Synchronous Buck Converters Increase Operating Battery Life in Portable Devices
AP61300Q DIODES-AP61300Q Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
AP61300Q DIODES-AP61300Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
AP61300Q DIODES-AP61300Q Datasheet
367Kb / 2P
5.5V, 2A, Low IQ, Synchronous Buck Converter in Tiny SOT563 for Protected Point-of-Load Automotive Rails
August 2025
AP61300Q DIODES-AP61300Q Datasheet
350Kb / 2P
5.5V, 4A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny V-DFN1515-6/SWP (Type UX)
June 2025
More results

Similar Description - AP61301

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8529 BELLING-BL8529 Datasheet
771Kb / 5P
3A 1.5MHz 5.5V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE723A ACE-ACE723A Datasheet
643Kb / 8P
3A 1.5MHz 5.5V Synchronous Buck Converter
VER 1.3
logo
Diodes Incorporated
AP61100 DIODES-AP61100 Datasheet
1Mb / 22P
2.3V TO 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
September 2022
AP61200 DIODES-AP61200 Datasheet
1Mb / 21P
2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 September 2022
AP61100Q DIODES-AP61100Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2020
AP61302Q DIODES-AP61302Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
AP62300 DIODES-AP62300 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 January 2021
AP66300 DIODES-AP66300 Datasheet
2Mb / 25P
3.8V TO 60V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2022
AP66300Q DIODES-AP66300Q Datasheet
2Mb / 25P
3.8V TO 60V INPUT AUTOMOTIVE GRADE, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
logo
Renesas Technology Corp
RAA808013 RENESAS-RAA808013 Datasheet
2Mb / 20P
2.7V to 5.5V Input, 3A Synchronous Buck Regulator
Aug 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com