Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS63 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CS63
Description  Customer Special Edgewound Resistor (CS63), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, EDG, EDGF, EDGU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS63 Datasheet(HTML) 1 Page - Vishay Siliconix

  CS63 Datasheet HTML 1Page - Vishay Siliconix CS63 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS63
www.vishay.com
Vishay Milwaukee
Revision: 07-Aug-14
1
Document Number: 31858
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Customer Special Edgewound Resistor (CS63),
Wirewound Resistors, Industrial Power, Tubular, Fixed,
Adjustable, EDG, EDGF, EDGU
CAPABILITIES
• Customer special design options include
- Electrical: Tolerance, wattage, resistance, dielectric
withstanding
voltage,
surge
ability,
temperature
coefficient
- Mechanical: Overall dimensions, mounting type, and
configuration, insulation
- Connection: Wire leads, connectors, terminal type, size,
set-in, and material
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
CONTACT INFORMATION
For design assistance, contact: vishaymilwaukeeresistor@vishay.com
STANDARD PRODUCT DATASHEET
EDGF, EDGA
www.vishay.com/doc?31831
EDGU
www.vishay.com/doc?31855
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: CS630300R3000B1234 (CS62 300 W 0.3
 Bulk 1234)
C
S
630
300
R
3
0
0
0
B
12
34
MODEL
(2 digits)
TYPE
(2 digits)
SIZE
(4 digit)
VALUE
(5 digits)
PACKAGING
(1 digit)
SPECIAL
(4 digits)
CS
63 = Edge power
Sample Sizes:
K = Thousand
0300 = 300 W
19K5 = 19.5 kW
Sample Sizes:
L = m
R = Decimal
K = Thousand
5L000 = 0.005
R1500 = 0.15
1K500 = 1.5 k
resultant wattage
B = Bulk
Allowable range:
0000 to ZZZZ
alphanumeric
1234 = Internal
customer drawing
number


Similar Part No. - CS63

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS63 VISHAY-CS63 Datasheet
92Kb / 2P
Customer Special Edgewound Resistor (CS63), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, EDG, EDGF, EDGU
07-Aug-14
logo
IXYS Corporation
CS630 IXYS-CS630 Datasheet
25Kb / 2P
Phase Control Thyristor
logo
HUAJING MICROELECTRONIC...
CS630 A4H HUAJING-MICRO-CS630 A4H Datasheet
841Kb / 10P
Silicon N-Channel Power MOSFET
2015 V01
logo
IXYS Corporation
CS630-12IO1 IXYS-CS630-12IO1 Datasheet
25Kb / 2P
Phase Control Thyristor
CS630-14IO1 IXYS-CS630-14IO1 Datasheet
25Kb / 2P
Phase Control Thyristor
More results

Similar Description - CS63

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AVE VISHAY-AVE Datasheet
176Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
03-Jun-16
FSE VISHAY-FSE Datasheet
168Kb / 5P
Wirewound Resistors, Industrial Power, Silicone Coated, Fixed Edgewound Tubular
06-Dec-16
FVE VISHAY-FVE Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
03-Jun-16
EDGU VISHAY-EDGU Datasheet
138Kb / 4P
Universal Edgewound Power Resistor (EDGU), Wirewound Resistors, Industrial Power
04-Mar-16
CS63 VISHAY-CS63 Datasheet
92Kb / 2P
Customer Special Edgewound Resistor (CS63), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, EDG, EDGF, EDGU
07-Aug-14
ASE VISHAY-ASE Datasheet
178Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
03-Jun-16
CS61 VISHAY-CS61_V01 Datasheet
80Kb / 2P
Customer Special Ribwound Resistor (CS61), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RBEF, RBSF, RBEA, RBSA
07-Aug-14
CS62 VISHAY-CS62_V01 Datasheet
72Kb / 2P
Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
07-Aug-14
CSFR VISHAY-CSFR_V01 Datasheet
92Kb / 2P
Customer Special Resistors Mounted on Frames (CSFR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Frame Mounted, EDG, RD, RB
07-Aug-14
CSPR VISHAY-CSPR_V01 Datasheet
84Kb / 2P
Customer Special Resistors in Enclosures (CSPR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Enclosure, EDG, RD, RB
31-Jul-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com