Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS53 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TS53
Description  5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS53 Datasheet(HTML) 1 Page - Vishay Siliconix

  TS53 Datasheet HTML 1Page - Vishay Siliconix TS53 Datasheet HTML 2Page - Vishay Siliconix TS53 Datasheet HTML 3Page - Vishay Siliconix TS53 Datasheet HTML 4Page - Vishay Siliconix TS53 Datasheet HTML 5Page - Vishay Siliconix TS53 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS53
www.vishay.com
Vishay Sfernice
Revision: 13-Dec-2022
1
Document Number: 51008
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
5 mm Square Surface Mount Miniature Trimmers Single-Turn
Cermet Sealed
LINKS TO ADDITIONAL RESOURCES
The TS53 trimming potentiometer has been designed for
surface mount applications and offers volumetric efficiency
(5 mm x 5 mm x 2.7 mm) with high performance and
stability.
The TS53 design is suitable for both manual or automatic
operation, and can withstand wave, and reflow soldering
techniques.
FEATURES
• 0.25 W at 70 °C
• For through hole version see T53Y series
• Wide ohmic range (10
Ω to 1 MΩ)
• Small size for optimum packaging density
• Tests according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
333
DDD3 D
3D Models
DIMENSIONS in millimeters (± 0.25 mm)
RECOMMENDED
SOLDERING AREAS
TS53YL
TS53YJ
TS53YL
TS53YJ
Cruciform screwdriver slot
Ø 2.5, width 0.5
Deep: 0.55
Max. deep (center): 0.7
5
2.7
6.4
0.20
0.75
5
2.7
5.5
0.20
1.1
1.3
2
b
5.5
1.3
1.3
2.3
a
c
2
1.3
2
2
2.3
b
a
c
4
1 x 0.20
5
b
a
c
0.9 x 0.20
2.30
1 x 0.20
0.9 x 0.20
2.30
5
a
b
c


Similar Part No. - TS53

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS53 VISHAY-TS53 Datasheet
129Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
12-Jan-17
logo
MORNSUN Science& Techno...
TS53AD-2 MORNSUN-TS53AD-2 Datasheet
208Kb / 3P
Isolated Transmitter
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
19-Jan-04
TS53Y VISHAY-TS53Y Datasheet
117Kb / 4P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
27-Jun-07
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
22-Dec-08
More results

Similar Description - TS53

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
19-Jan-04
TS3Y VISHAY-TS3Y_06 Datasheet
134Kb / 3P
Surface Mount Miniature Trimmers 3 mm Single-Turn Cermet Sealed
09-Nov-06
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
27-Jun-07
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
22-Dec-08
TSM4YJ103KR05 VISHAY-TSM4YJ103KR05 Datasheet
110Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
02-Aug-13
TS53 VISHAY-TS53 Datasheet
129Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
12-Jan-17
TS5 VISHAY-TS5 Datasheet
126Kb / 5P
Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
22-Sep-15
TSM4 VISHAY-TSM4_17 Datasheet
125Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
12-Jan-17
TS5 VISHAY-TS5_V01 Datasheet
118Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
13-Dec-2022
TSM4 VISHAY-TSM4_V01 Datasheet
104Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
12-Jan-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com