Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 64P
Description  3/8 Square (10 mm) Multi-Turn Cermet Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

64P Datasheet(HTML) 4 Page - Vishay Siliconix

  64P Datasheet HTML 1Page - Vishay Siliconix 64P Datasheet HTML 2Page - Vishay Siliconix 64P Datasheet HTML 3Page - Vishay Siliconix 64P Datasheet HTML 4Page - Vishay Siliconix 64P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
64
www.vishay.com
Vishay Spectrol
Revision: 26-Jan-18
4
Document Number: 57028
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING
• In box of 200 pieces code B40 (BO200)
On request:
• In box of 100 pieces code B30 (BO100)
• In tube of 50 pieces code T20 (TU50)
ORDERING INFORMATION (part number)
Model
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
NUMBER
M64
P
W
X
Y
Z
From
10
 to 2.2 M
224 = 220 k
K = 10 %
On request
J = 5 %
B40 = box
200 pieces
On request:
B30 = box
100 pieces
T20 = tube
50 pieces
(If applicable)
Given by Vishay
for custom design
DESCRIPTION (for information only)
64
P
220K
10 %
BO200
e3
MODEL
STYLE
VALUE
TOLERANCE
SPECIAL
PACKAGING
LEAD FINISH
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
P
224
K
B
4
6
4
M
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com