Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 64P
Description  3/8 Square (10 mm) Multi-Turn Cermet Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

64P Datasheet(HTML) 1 Page - Vishay Siliconix

  64P Datasheet HTML 1Page - Vishay Siliconix 64P Datasheet HTML 2Page - Vishay Siliconix 64P Datasheet HTML 3Page - Vishay Siliconix 64P Datasheet HTML 4Page - Vishay Siliconix 64P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
64
www.vishay.com
Vishay Spectrol
Revision: 26-Jan-18
1
Document Number: 57028
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
3/8" Square (10 mm) Multi-Turn Cermet Trimmer
DESIGN SUPPORT TOOLS
FEATURES
• Industrial grade
• 0.5 W at 70 °C
• Tests according to CECC 41000 or IEC 60393-1
• Contact resistance variation < 2 %
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
The Model 64 is a small size trimmer - 3/8" x 3/8" x 3/16" - answering PC board mounting requirements. Five versions are
available which differ by the position of the control screw in relation to the PC board plane and by the spacing of the terminals.
Excellent operational stability is provided by the use of a cermet element.
Note
click logo to get started
Available
Models
DIMENSIONS in millimeters (± 0.5 mm)
2.3 ± 0.2 (1)
2.54
2.54
Slot 0.6 x 0.6
9.8 max. 5 ± 1
Ø 0.5
a
b
c
1.3
Ø 2.2
7.9 ± 0.2
0.5
64X
9.7 max.
5 max.
1.2 ± 0.2
Terminal Spacing on
a 2.54 PCB
a
b
c
0.6 ± 0.2 (1)
2.54 (1)
2.54 (1)
Slot 0.6 x 0.6
2.54
9.8 max. 5 ± 1
Ø 0.5
a
b
c
1.3
Ø 2.2
7.9 ± 0.2
0.5
9.7 max.
5 max.
1.2 ± 0.2
a
b
c
64Z
2.3 ± 0.2 (1)
2.54 (1)
2.54 (1)
9.8 max. 5 ± 1
Ø 0.5
a
b
c
Slot 0.6 x 0.6
Ø 2.2
1.3
0.5
9.7 max.
5 max.
1.2 ± 0.1
1.6 ± 0.1
a
b
c
64W
0.6 ± 0.2 (1)
2.54 (1)
2.54 (1)
2.54
9.8 max.
5 ± 1
a
Slot 0.6 x 0.6
Ø 2.2
1.3
Ø 0.5
b
c
0.5
9.7 max.
5 max.
1.2 ± 0.1
1.6 ± 0.1
a
b
c
64Y
4.8 ± 0.2 (1)
Slot 0.6 x 0.6
2.54 (1)
2.54 (1)
2.54 (1)
9.7 max.
1.3
Ø 2.2
c
b
a
64P
5.2 max.
5 ± 1
Ø 0.5
0.5
Base level
1.2 ± 0.1
1.3 ± 0.1
9.7 max.
c
b
a


Similar Part No. - 64P

ManufacturerPart #DatasheetDescription
logo
AG Electronica
64P-MM AGELECTRONICA-64P-MM Datasheet
356Kb / 2P
BASE PARA CI 64 PINES MILIMÉTRICA
04/01/2019
64P-MM AGELECTRONICA-64P-MM Datasheet
356Kb / 2P
BASE PARA CI 42 PINES MILIMÉTRICA
04/01/2019
64P-MM AGELECTRONICA-64P-MM Datasheet
356Kb / 2P
BASE PARA CI 54 PINES MILIMÉTRICA
04/01/2019
64P-MM AGELECTRONICA-64P-MM Datasheet
356Kb / 2P
BASE PARA CI 56 PINES MILIMÉTRICA
04/01/2019
logo
Vishay Siliconix
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
04-Sep-07
More results

Similar Description - 64P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
04-Sep-07
T93 VISHAY-T93_13 Datasheet
90Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
24-Aug-10
T93XA202KT20 VISHAY-T93XA202KT20 Datasheet
96Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA202KT20 VISHAY-T93YA202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93XB503KT20 VISHAY-T93XB503KT20 Datasheet
116Kb / 6P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YB202KT20 VISHAY-T93YB202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA102KT20 VISHAY-T93YA102KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93 VISHAY-T93_17 Datasheet
110Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
T93 VISHAY-T93_V01 Datasheet
90Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
M63P201KB40T607 VISHAY-M63P201KB40T607 Datasheet
88Kb / 3P
3/8 Square (10 mm) Single-Turn Cermet Trimmer
26-Jan-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com