Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-3020SW10-34-R80 Datasheet(PDF) 1 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-3020SW10-34-R80
Description  PLCC-2 Components
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-3020SW10-34-R80 Datasheet(HTML) 1 Page - American Bright OPTOELECTRONICS CORP.

  BL-3020SW10-34-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
SI N CE 198 1
產 品 承 認 書
Product Approval Sheet
一.基本內容(INFORMATION)
客戶名稱(Customer Name):
產品型號(Product Number):BL-3020SW10-34-R80
料號信息(PN Information):
參數要求
客戶料號
亮度
(mcd)
Φ V(lm)
色溫
(CCT)
電壓
(V)
CRI (Ra)
Min:25000
Min:50
2580~3710K
Max:3.4V
80
二.供應商確認欄(SUPPLIER)
核准(Approved/Date)
審核(Check/Date)
製作(Prepared/Date)
張孝嚴 2015-8-21
張喜光 2015-8-21
熊燦芬 2015-8-21
三.客戶批准欄(CUSTOMER)
產品承認書批准處理:□同意
□拒絕
□其它
核准(Approved/Date)
審核(Check/Date)
研發/工程(R&D Dept/Date)
說明:請將已簽副本回覆我司
Please return to us one copy“PRODUCT ACKNOWLEDGEMENT SHEET” with your
approved signatures!
佰鴻工業股份有限公司
BRIGHT LED ELECTRONICS CORP.
台北縣板橋市和平路 19 號 3 樓
3F., No. 19, Ho Ping Road, Pan Chiao City,
Taipei, Taiwan, R. O. C.
Tel: 886-2-29591090
Fax: 886-2-29547006/29558809
www.brtled.com.


Similar Part No. - BL-3020SW10-34-R80

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-3020SW10-34-R90 AMERICANBRIGHT-BL-3020SW10-34-R90 Datasheet
428Kb / 10P
PLCC-2 Components
Ver1.0
More results

Similar Description - BL-3020SW10-34-R80

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-2835A10-34 AMERICANBRIGHT-BL-2835A10-34 Datasheet
423Kb / 11P
PLCC-2 Components
Ver1.0
BL-2835A10-V18 AMERICANBRIGHT-BL-2835A10-V18 Datasheet
430Kb / 11P
PLCC-2 Components
Ver1.1
BL-2835A10 AMERICANBRIGHT-BL-2835A10 Datasheet
424Kb / 11P
PLCC-2 Components
Ver1.0
BL-2835C10-34-R80 AMERICANBRIGHT-BL-2835C10-34-R80 Datasheet
440Kb / 12P
PLCC-2 Components
Ver1.0
BL-2835CX12-16-R70 AMERICANBRIGHT-BL-2835CX12-16-R70 Datasheet
452Kb / 12P
PLCC-2 Components
Ver1.0
BL-2835CX12-V06 AMERICANBRIGHT-BL-2835CX12-V06 Datasheet
445Kb / 12P
PLCC-2 Components
Ver1.0
BL-2835CX13-28-V09 AMERICANBRIGHT-BL-2835CX13-28-V09 Datasheet
445Kb / 12P
PLCC-2 Components
Ver1.0
BL-2835N10-R80 AMERICANBRIGHT-BL-2835N10-R80 Datasheet
428Kb / 10P
PLCC-2 Components
Ver1.0
BL-2835PCX12-34-R80 AMERICANBRIGHT-BL-2835PCX12-34-R80 Datasheet
458Kb / 12P
PLCC-2 Components
Ver1.0
BL-3014SN10-R80 AMERICANBRIGHT-BL-3014SN10-R80 Datasheet
432Kb / 10P
PLCC-2 Components
Ver1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com