Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-3020SW10-34-R80 Datasheet(PDF) 4 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-3020SW10-34-R80
Description  PLCC-2 Components
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-3020SW10-34-R80 Datasheet(HTML) 4 Page - American Bright OPTOELECTRONICS CORP.

  BL-3020SW10-34-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--3
30
02
20
0S
SW
W1
10
0--3
34
4--R
R8
80
0
Ver1.0 Page: 3 of 11
SI N CE 198 1
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
Vf
IF=150mA
-
3.2
3.4
V
Luminous Intensity
Iv
IF=150mA
25000
-
-
mcd
x
IF=150mA
-
0.43
-
Chromaticity Coordinates
y
IF=150mA
-
0.40
-
-
Reverse Current
IR
VR=5V
-
-
10
mA
Viewing Angle
2
θ
1/2
IF=150mA
-
120
-
deg
Color Temperature
CCT
IF=150mA
2580
-
3710
K
● Typical Electro-Optical Characteristics Curves
V S. FO R W ARD C URR ENT
Fig.4 R ELATIV E LU M INO US INTEN SITY
100
0
0.5
1.0
1.5
2.0
FO RW ARD CURRENT (m A)
150
200
250
300
210
0
2
90
120
150
180
FOR W ARD VOLTAGE (V)
46
8
10
FO RW ARD V O LTAG E
Fig.5 FO R W A RD CUR RE NT VS.
10
0.2
0.8
0.7
0.3
0.5
0.1
0.9
1.0
0
60
0.4
0.6
80
90
70
50
40
30
20
Fig.6 R ADIA TIO N D IA G RAM
Fig.1 R ELATIV E IN TENS ITY VS. W AVE LENG TH
0.0
380
0.2
0.6
WAV ELEN G TH
(nm )
430
480
530
580
630
680
730
800
0.1
0.5
0.8
0.3
0.4
0.7
0.9
1.0
F ig.3 F orward current vs. forward voltage
F orward voltage(V)
50
1
0
3
100
150
200
250
7
59
0
Am bient tem perature Ta( C)
40
20
60
100
80
Fig.2 Forw ard current derating curve
120
60
180
240
300
vs. am bient tem perature
2
4
6
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com