Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  Intel® Atom™ E3900 / Pentium® / Celeron® N Series SMARC Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-2569
Ordering Information
P/N
CPU
Freq.
Cores
CPU TDP
Memory
eMMC
Wi-Fi/BT
Thermal
Solution
Operating
Temperature
SOM-2569CNCCA-S7A1
Atom x7-E3950
1.6
4
12W
8GB
64GB
Yes
Passive
0 ~ 60 °C
SOM-2569BNBCA-S7A1
Atom x7-E3950
1.6
4
12W
4GB
32GB
Yes
Passive
0 ~ 60 °C
SOM-2569BNBC-S7A1
Atom x7-E3950
1.6
4
12W
4GB
32GB
-
Passive
0 ~ 60 °C
SOM-2569BNBC-S6A1
Atom x5-E3940
1.6
4
9.5W
4GB
32GB
-
Passive
0 ~ 60 °C
SOM-2569BN0C-S3A1
Atom x5-E3930
1.3
2
6.5W
4GB
-
-
Passive
0 ~ 60 °C
SOM-2569CNCCA-S2A1
Pentium N4200
1.1
4
6W
8GB
64GB
Yes
Passive
0 ~ 60 °C
SOM-2569BCBC-S1A1
Celeron N3350
1.1
2
6W
4GB
32GB
-
Passive
0 ~ 60 °C
SOM-2569BNBX-S7A1
Atom x7-E3950
1.6
4
12W
4GB
32GB
-
Passive
-40 ~ 85 °C
*Any other SKU or combination has project-based support. Please contact sales team for for details.
Packing List
Part No.
Description
Quantity
-
SOM-2569 SMARC Module
1
1960093125T001
SOM-2569 E3900 SKU heat spreader
1
1970004428N001
SOM-2569 N Series SKU heat spreader 1
Development Board
Part No.
Description
SOM-DB2500-00A1
Development Board for SMARC 2.0
Optional Accessories
Part No.
Description
1960093089T001
Semi-Heatsink, 82L x 34W x 18H
Embedded OS
OS
P/N
Description
Win10
20706WX9HS0040 Win10 IoT 2019 Enterprise LTSC High End
Win10
20706WX9VS0043 Win10 IoT 2019 Enterprise LTSC Value
Win10
20706WX9ES0053 Win10 IoT 2019 Enterprise LTSC Entry
SOM-2569
Atom/Pentium/Celeron
PCIE Port 5
eDP
2-CH 24bit LVDS / eDP
DDI0
DP++
eDP (option)
USB2.0
WiFi / BT
eMMC5.0
Max. 64GB
LPDDR4
Channel 0, 1
1600/2133/2400
Max. 8 GB
LVDS / eDP
DP++
HDMI / DP++
PCIE Port D
Ethernet 1
Ethernet 0
PCIE Port A
PCIE Port B / C
SATA0
USB2.0
USB3.0
CSI10
CSI11
HDA / I2S2
I2S0
SD Card
SER0 / SER2
SPI
SER1 / SER3
GPIO / FAN
WDT / I2C
CAN0
DDI1
HDMI / DP++
PCIE Port 3
PCIE Port 4
PCIE Port D
MDI
MDI
Level Shifter
Giga LAN I210-IT
Giga LAN I210-IT
SPI BIOS
PCIE Port 0
PCIE Port A
SATA Port 0
PCIE Port 1/ 2
PCIE Port B /C
USB 2.0 Port 0 ~ 5 (SOC port 0 support client)
USB 3.0 Port 2 / 3
CSI0 x2
CSI1 x4
HDA / I2S2
I2S
SD3.0
UART 0 / 2
FSPI
SPI
CAN0
SPI to CAN Bus
LPC
iManager
UART 1 / 3
GPIO / FAN
WDT / I2C
TPM
DP to LVDS 24bit
DP++ (option)
(option)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com