Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  Intel® Atom™ E3900 / Pentium® / Celeron® N Series SMARC Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Computer On Modules
Features
Intel® Atom™ E3900 / Pentium® /
Celeron® N Series SMARC Module
SOM-2569
ƒ
SMARC2.0 & SMARC2.1 Compliance
ƒ
Intel® Atom™ E3900 / Pentium® / Celeron® N Series Processors
ƒ
Integrated dual GbE. wireless module on board design
ƒ
Dual channel LPDDR4 2/4/8 GB memory down & onboard eMMC
ƒ
Triple display (DP++, HDMI, LVDS)
ƒ
Supports iManager, WISE-PaaS/DeviceOn and embedded software APIs
Specifications
Form Factor
Form Factor
SMARC2.0 & SMARC2.1 Compliance
PCB Size
82 mm x 50 mm
Processor System
CPU
Atom X7-E3950
Atom X5-E3940
Atom X5-E3930
Pentium N4200
Celeron N3350
Base Frequency
1.6GHz
1.6GHz
1.3GHz
1.1GHz
1.1GHz
Turbo Boost Frequency
2GHz
1.8GHz
1.8GHz
2.5GHz
2.4GHz
Core/Thread
4/4
4/4
2/2
4/4
2/2
LLC
2 MB
2 MB
2 MB
2 MB
2 MB
CPU TDP
12 W
9.5 W
6.5 W
6 W
6 W
BIOS
AMI UEFI BIOS @ 64 Mb
Memory
Technology
LPDDR4 2400MT/s
ECC Support
N/A
Max. Capacity
8GB
Channel / Socket
Dual Channel / On Board Memory
Graphics
Controller
Intel® HD Graphics 505
Intel® HD Graphics 500
Intel® HD Graphics 500
Intel® HD Graphics 505
Intel® HD Graphics 500
Max. Frequency
650MHz
600MHz
550MHz
750MHz
650MHz
Graphic Memory
Intel DVMT5.0
3D/HW Acceleration
DX (9.3, 10, 11.3, 12), OpenGL 4.3, OGL ES 3.0, OpenCL 2.0
HEVC (H.265) @ L5, H.264 @ 5.2, MVC, MPEG2, VP8, VP9, VC-1, WMV9,JPEG/MJPEG HW Decode,
HEVC (H.265) @ L4, H.264 @ 5.2, MVC, VP8, VP9, JPEG/MJPEG HW Encode
Display
LCD (LVDS/eDP)
LVDS: Dual-channel 18/24-bit, up to 1920 x 1080 (option support eDP 4096 x 2304@60Hz, 24bpp)
DP++
1 Port (up to 4096 x 2160 @ 60Hz)
HDMI
1 Port (up to 3840 x 2160 @ 30Hz, option support DP++ up to 4096 x 2160 @ 60Hz )
Multiple Display
Triple displays with each display combinations
Expansion
PCI Express x1 (Gen2)
Up to 4 PCIe x1
Audio Interface
1 Intel HD Audio Interface / Up to 2 I2S
Serial Bus
SMBus
Yes
I2C Bus
Yes
CAN Bus
Yes (optional)
Ethernet
Controller
Intel I210
Speed
10/100/1000 Mbps
Connector (RJ45)
Up to 2 Ports
I/O
SATA3.0
1 Port (6Gbps)
USB3.0
2 Ports
USB2.0
6 Ports (480Mbps, include 1 client port)
GPIO
12 GPIOs
Watchdog
65536 level, 0~65535 sec
COM Port
4 Ports (2 Ports 4-wire / 2 Ports 2-wire)
Onboard Storage
Up to 64GB eMMC
TPM
TPM2.0 (Infineon SLB9665)
Smart Fan
N/A
SPI Bus
Yes
SDIO (SD Card)
Yes
Wifi / BT Module
1 Wifi / BT Module on Board (Optional)
CSI
2 Ports (1 Port 2-lane / 1 Port 4-lane)
Power
Type
AT/ATX : Vin
Supply Voltage
Vin: 4.75-5.25V, RTC Battery: 2.0V ~ 3.3V
Power Consumption (Max.)
14.11 W
Power Consumption (Idle)
3.45 W
Environment
Operating Temperature
Standard: 0 ~ 60 °C (32 ~ 140 °F)
Extended: -40 ~ 85 °C (-40 ~ 185 °F)
Storage Temperature
-40 ~ 85 °C (-40 ~ 185 °F)
Humidity
Operating: 40 °C @ 95% relative humidity, non-condensing
Storage: 60 °C @ 95%relative humidity, non-condensing
Vibration Resistance
3.5 Grms
Mechanical
Dimensions
82 mm x 50 mm
Software APIs:
NEW
All product specifications are subject to change without notice.
Last updated: 13-Oct-2021


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
NANOCOM-APL-B10 AAEON-NANOCOM-APL-B10 Datasheet
604Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
NANOCOM-APL AAEON-NANOCOM-APL Datasheet
585Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
PICO-APL2 AAEON-PICO-APL2 Datasheet
513Kb / 2P
Pico-ITX Board with Intel Atom® E3900 series/ Pentium® N4200/ Celeron® N3350 Processor SoC
2023/01/11
PICO-APL4 AAEON-PICO-APL4 Datasheet
549Kb / 2P
Pico-ITX Board with Intel® Atom™/ Pentium® N4200/ Celeron® N3350 Processor SoC
2022/09/13
PICO-EHL4 AAEON-PICO-EHL4 Datasheet
531Kb / 2P
Pico-ITX Board with Intel® Atom™ x6000E Series, Intel® Pentium®, and Celeron® N and J series processors
2022/11/24
logo
BCM Advanced Research.
ECM-APL BCM-ECM-APL Datasheet
594Kb / 2P
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
ESM-APLC BCM-ESM-APLC Datasheet
320Kb / 1P
Intel® Celeron® N3350 / Pentium® N4200 / Atom™ E Series SoC Processor Type6 COMe Compact
2021/02/12
logo
AAEON Technology
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
UPN-APLC2F-A10-0232 AAEON-UPN-APLC2F-A10-0232 Datasheet
694Kb / 2P
Developer Board with Intel® Pentium® N4200/ Celeron® N3350/ Atom™ E3950 Processor SoC
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com