Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  Rockchip ARM Cortex-A17 RK3288 3.5 SBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Block Diagram
RSB-4680
Ordering Information
Part Number
CPU
Memory
Flash
HDMI
VGA
LVDS
LAN
Serial Port
SATA
USB
System
Bus
SD
CAN
Bus
Operating
Temperature
RSB-4680CQ-XNA1E
Rockchip RK3288
Quad core, 1.6GHz
2 GB
8 GB
1
1
1
1
1 x 4-wire RS-232/485
1 x 2-wire RS-232/Debug port
4 x 4-wire RS-232
_
5 x USB Host
1 x USB OTG
_
1
_
0 ~ 60 °C
RSB-4680WQ-XNA1E
Rockchip RK3288K
Quad core, 1.6GHz
2 GB
8 GB
1
1
1
1
1 x 4-wire RS-232/485
1 x 2-wire RS-232/Debug port
4 x 4-wire RS-232
_
5 x USB Host
1 x USB OTG
_
1
_
-20 ~ 85 °C
Packing List
Part Number
Description
RSB-4680
RSB-4680 3.5'' SBC
Optional Accessories
Part Number
Description
96PSA-A36W12W7-5
ADP A/D 100-240V 36W 12V C6 LOCK DC JACK
170203183C
Power Cord 3P EU 10A 250V 183cm
170203180A
Power Cord 3P UK 10A 250V 183cm
1700001524
Power Cord UL 3P 10A 125V 180cm
1700008921
Power Cord PSE 3P 12A 125V 183cm
1700019146
Power Cord CCC 3P 10A 250V 183cm
1700021565-01
Debug cable
EWM-W172H01E
802.11ac/a/b/g/n 2T2R WIFI BT 4.2 RTL8822BU-CG Half Mini PCIe
Module
9656EWMG00E
Half-size miniPCIe to miniPCIe bracket set
1750005885
Antenna L=23cm MALFR8-3230A-00X00R
1750008717-01
Dipole Ant. D.B 2.4/5G WIFI 3dBi SMA/M-R BLK
EWM-C117FL06E*
LTE 4G,3G WCDMA/DC-HSPA+, 2G module, MPCI-L280H
968AD00081*
Qucetel EC20CEFA Mini-PCIe 4G module for China
1750006264
Antenna cable SMA(F)/MHF 15cm
1750008303-01
Antenna AN0727-64SP6BSM
SQF-MSDM1-8G-21C
SQF MICRO SD C10 MLC 8G (-25 ~ 85 °C)
IDK-1107WR-40WVA1E
7" LED PANEL 2.5A/3A 250V 1.83cm400N with 4WR touch, 800 x 480 (G)
1700028571-01
LVDS cable for IDK-1107WR
1700028572-01
LCD blacklight cable for IDK-1107WR
* Please contat us to get suitiable celluar module for your region.
External I/O
DC-in
RS-232/485
HDMI
Reset button
OTG
VGA
Ethernet
USB
Dimensions
Unit: mm
102
92.7
2-Ø6
Ø6.4
4-Ø3.2
86.55
80.1
59.26
27.2
98.7
80.86
39.14
20.5
ROCKCHIP
RK3288
2 GB DDR3
eMMC
DDR
8 GB eMMC
ALC5660
CH7517
VGA
HDMI
LVDS
GbE RJ45
TI DP83867
1 x RS232 w/2wire
1 x RS232/485
w/4wire
Line out, Mic in
pin header
Speaker out
pin header
2 x RS232 w/4wire
2 x RS232 w/4 wire
2 x USB type A
Mini-PCIe slot
SIM slot
CP2105
1 x I2C
8 x GPIO
Micro SD slot
MAX3243
2 x MAX3243
1x MAX3243
1 x SN75176
1 x USB OTG
Debug port
Jumper
SPI
UART1/3
UART4
USB OTG
UART2
UART0
SDIO0
USB1
USB2
USB Hub
(1 to 4)
USB Hub
(1 to 4)
M.2 E key
3 x USB pin header
RGMII
I2S
I2C
SDIO2
GPIO
eDP
HDMI
LVDS
1 x SPI
SPI
4 MB NOR Flash
2 x MAX3243



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com