Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  Rockchip ARM Cortex-A17 RK3288 3.5 SBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RISC Computing Platforms
Features
ƒ
Rockchip ARM Cortex-A17 RK3288 Quad Core 1.6GHz
ƒ
Onboard 2GB DDR3L memory and 8GB eMMC
ƒ
HDMI 3840x2160 at 60Hz, VGA 1920x1200 at 60Hz, Dual Channel 18/24/30
bit LVDS
ƒ
Support 4K H.264/H.265 Video decoder
ƒ
6 UART, 6 USB2.0, 1 GbE, 8 GPIO, 1 SPI
ƒ
M.2 for WIFI/BT support, mini-PCIe for 3G/4G support
ƒ
Support Linux and Android
RSB-4680
Rockchip ARM Cortex-A17 RK3288 3.5" SBC
Introduction
RSB-4680 is a RISC 3.5" single board computer (SBC) powered by a high-performance Rockchip ARM Cortex-A17 RK3288 processor which supports 4K display from HDMI.
It offers rich interfaces such as 6 USB2.0, 6 UART, 1 VGA, 1 LVDS, 1 GbE and 8 GPIO. RSB-4680 also features Mini-PCIe, M.2, and SIM card slots for integrating Wi-Fi, Bluetooth,
and 3G/4G modules. It is an ideal solution for Kiosk, POS, and Vending machine application.
Specifications
Form Factor
3.5" SBC
Processor
CPU
Rockchip ARM Cortex-A17 RK3288 Quad Core up to 1.6GHz
Memory
Technology
DDR3L 1333MHz
Capacity
On-board DDR3L 2GB
Flash
8GB of eMMC NAND Flash for OS and Advantech's boot loader
4MB of SPI NOR Flash
Graphics
LVDS
1 x 18/24/30-bit LVDS with 1920 x 1080 for dual channels at 60Hz
HDMI
1 HDMI, up to 3840 x 2160 at 60 Hz
VGA
1 VGA, up to 1920 x 1200 at 60Hz
Graphics Engine
OpenGL ES 1.1/2.0/3.0, OpenCL 1.1, DirectX 11
H/W Video Codec
Decoder: MPEG-1, MPEG-2, MPEG-4, H.263, H.264, AVS, VC-1, VP8, MVC, HEVC/H.265 decoder, 4k@60FPS
Encoder: H.264 (BP@level4.0, MP, HP@level4.0), MVC and VP8
Ethernet
Chipset
TI DP83867
Speed
1 x 10/100/1000 Mbps
WatchDog Timer
Yes
I/O
SATA
-
SATA Power
-
USB
1 x USB OTG, 2 x USB Type A, and 3 x USB pin headers
Audio
1 x Line out, 1 x Mic-in, 1 x Speaker out via a pin header
SPDIF
-
SDIO
-
Serial Port
1 x 4-wire RS-232/485, DB9
1 x 2-wire RS-232/Debug port, pin header selected by jumper
4 x 4-wire RS-232, pin header
SPI
1
CAN
-
GPIO
8 x GPIO via pin header (3.3V TTL level)
I2C
1
System Bus
-
Touch
-
MIPI CSI
-
Button
1 x Reset button, 1 x Power button via a pin header
Expansion
Mini PCIe
1 x Mini PCIe slot
SD Socket
1 x Micro SD slot
SIM Slot
1 x SIM slot
M.2 Socket
1 x M.2 2230 Key E slot
Power
Power Supply Voltage
12 V
Power Type
DC-in
Power Consumption
-
Environment
Operating Temperature
0 ~ 60 °C/-20 ~ 85 °C
Operating Humidity
5 ~ 95% relative humidity, non-condensing
Mechanical
Dimensions (W x D)
146 x 102 mm
Operation System
Linux and Android
Certifications
CE/FCC Class B
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 7-Jul-2021


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RSB-4410 ADVANTECH-RSB-4410_15 Datasheet
634Kb / 2P
Freescale ARM Cortex-A9 i.MX6 SBC
RSB-4410 ADVANTECH-RSB-4410 Datasheet
634Kb / 2P
Freescale ARM Cortex-A9 i.MX6 SBC
RSB-4410CD-MDA1E ADVANTECH-RSB-4410CD-MDA1E Datasheet
634Kb / 2P
Freescale ARM Cortex-A9 i.MX6 SBC
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
NXP ARM Cortex-A9 i.MX6 3.5" SBC
EPC-R4680 ADVANTECH-EPC-R4680 Datasheet
565Kb / 2P
Rockchip RK3288 Cortex-A17 ARM Based Box Computer
19-Dec-2018
EPC-R4710 ADVANTECH-EPC-R4710 Datasheet
674Kb / 2P
Rockchip RK3399 Cortex-A72 ARM Based Box Computer
25-Apr-2022
RSB-3710 ADVANTECH-RSB-3710 Datasheet
710Kb / 2P
Rockchip RK3399 Cortex-A72 2.5 SBC with UIO40-Express
22-Apr-2022
RSB-4220_V101 ADVANTECH-RSB-4220_V101 Datasheet
819Kb / 2P
TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC
13-Jan-2017
RSB-4710 ADVANTECH-RSB-4710 Datasheet
691Kb / 2P
Rockchip ARM Cortex-A72 RK3399 3.5 SBC
16-Aug-2022
RSB-4810 ADVANTECH-RSB-4810 Datasheet
584Kb / 2P
Rockchip Arm Cortex-A55 RK3568 3.5 SBC
18-Apr-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com