Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  NXP ARM® Cortex®-A9 i.MX6 Dual/Quad Mini-ITX Motherboard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Block Diagram
Ordering Information
Part No.
CPU
Memory
eMMC
HDMI
VGA
LVDS
LAN
Serial Port
SATA
USB
SD
CAN
bus
Operating
Temperature
RSB-6410CD-PNA1E
i.MX6D
1G
8G
1
1
1
1
4xRS232,
1xRS422/485/232
1
6
1
1
0 ~ 60 °C
RSB-6410CQ-VNA1E
i.MX6Q
2G
8G
1
1
1
1
4xRS232,
1xRS422/485/232
1
6
1
1
0 ~ 60 °C
RSB-6410
Packing List
Part Number
Description
Quantity
96966410000/10
RSB-6410 mother board
1
1700021565-11
Debug cable
1
1700025732-01
RS232 1-to-2 cable
1
1960074075T000
IO Port bracket
1
Optional Accessories
Port Number
Description
Quantity
96PSA-A36W12R1-3
ADP 100-240V 36W 12V C6 DC PLUG 90°
1
1700001524
Power Cord 3P UL 10A 125 V 180 cm
1
1700019146
Power Cord CCC 3P 10A 250V 183cm
1
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83cm
1
170203183C
Power Cord 3P Europe 183cm
1
1700026610-01
GPIO cable,A cable D-SUB 9P(F)/2*11P-2.0 20CM
1
1700023575-01
Can cable, A cable D-SUB 9P(M)/1*4P-2.0 20cm
1
IDK-1107WR-40WVA1E
7" LED PANEL 2.5A/3A 250V 1.83cm400N with 4WR touch,
800 x 480 (G)
1
1700025779-01
LVDS cable for IDK-1107WR
1
1700025767-01
LCD blacklight cable for IDK-1107WR
1
SQF-MSDM1-8G-21C
SQF MICRO SD C10 MLC 8G (-25~85°C)
1
968AD00018
Wifi BT module AW-NB136NF
1
1750002842
Wireless Antenna R-AN2450-5701RS R/P SM
2
1750007965-01
Antenna Cable R/P SMA (M) to MHF4, 300mm
2
968AD00479*
4G module LTE Cat 4 for China
1
1750006264
Antenna cable SMA(F)/MHF 15cm
1
1750007990-01
Antenna 4G/LTE full band L=11 cm 50 Ohm
1
PCIE-1602C-AE
2-port RS-232/422/485 PCIe Comm. Card w/Iso
1
96NIC-1G-PE-IN
INTEL NIC 10/100/1000M PCIEx1 DESKTOP(G) 82574
1
* Please contact us to get suitiable celluar module for your region.
Dimensions
Unit: mm
DDR3 Memory
8GB eMMC flash
NOR Flash
SGTL5000
C8051F396
CH7055A
RTL8211
6 x USB
1 x RS232 w/ 2wire
1 x RS232/422/485
w/ 4wire
Line out,
M.2 E key
USB HUB
TPA3005
MAX3232
MAX3243
ADM485
NXP i.MX6
Quad/Dual 1.0Ghz
RGMII
SPI
SDIO
UART3
UART1
I2S
I2C1/2/3
GPIO
CAN
USB
TTL
HDMI
LVDS
SDIO
SATA
1 x RS232 w/ 4wire
MAX3243
Debug port
UART2
UART5
UART4
2 x RS232 w/ 4wire
MAX3243
Jumper
MAX3243
Jumper
SDIO
USB HUB
Mini-PCIE
USB
PCIE
VGA
HDMI
LVDS
GbE RJ45
Line out, Mic in
3 x I2C
18 x GPIO
1 x CAN
Watch Dog
Micro SD
SATA 2.0
Amplifier
PCIE x1 slot
163.83
170
6.35
Helght
0.9mm Max
Helght 2mm Max
Helght
15mm Max
Helght
15mm Max
Helght
6mm Max
Helght
0mm Max
13.00
37.5
59.18
74.50
105.72
127.75
145.70
42



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com