Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  NXP ARM® Cortex®-A9 i.MX6 Dual/Quad Mini-ITX Motherboard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RISC Computing Platforms
Features
ƒ
NXP ARM® Cortex®-A9 i.MX6 Dual/Quad 1GHz high performance processor
ƒ
On board DDR3 1066MHz 1GB/2GB memory and 8GB EMMC NAND flash
ƒ
Supports Triple Display: VGA/HDMI/LVDS
ƒ
Supports 1 x PCIe, 1 x mini-PCIe, 5 x serial ports, 6 x USB, 1 x M.2 socket,
18 x GPIO, 1 x CAN
ƒ
Low power consumption, fanless design
ƒ
Supports Linux and Android BSP
RSB-6410
NXP ARM® Cortex®-A9 i.MX6
Dual/Quad Mini-ITX Motherboard
Introduction
RSB-6410 is the world’s first RISC-based Mini-ITX motherboard computer which integrates an NXP i.MX6D/Q Cortex-A9 1.0GHz high performance processor. This embedded
motherboard provides the ideal solution for industrial applications such as machine control and self-service machine systems that require high performance graphic interfaces,
multiple I/O and networking connectivity but with low power consumption.
Specifications
Processor
CPU (40nm)
NXP i.MX 6D
NXP i.MX 6Q
Core Number
2
4
Max Speed
1.0 GHz
1.0 GHz
L2 Cache
1MB
1MB
Expansion Slot
PCI
-
Mini-PCIe
1 (USB signal only)
M.2
1 (E-Key)
PCIe
1
Memory
Technology
Single channel DDR3 1066MHz SDRAM on board
Max. Capacity
1G
2G
Flash
8GB EMMC NAND Flash for O.S & 4MB SPI NOR Flash for ADV loader
Graphics
Controller
NXP i.MX6 integrated hardware accelerators
VGA
1920 x 1080
LVDS
1 x 24bit dual channel LVDS with up to 1920x1080 resolution, 2 x 24bit single channel LVDS with up to 1366x768 resolution (option)
HDMI
1920 x 1080
Triple Display
Extended Mode: HDMI + LVDS, VGA+HDMI, VGA+LVDS, VGA+HDMI+LVDS (by application)
Clone Mode: HDMI + LVDS, VGA+HDMI, VGA+LVDS , 2 single channel LVDS
Ethernet
Chipset
NXP i.MX6 integrated RMII
Speed
1x 10/100/1000 Mbps
SATA
Max Data Transfer Rate
300 MB/s (SATA 2.0)
Channel
1
EIDE
Mode
None
Channel
None
SSD
CFast CompactFlash
-
Rear I/O
CRT
1
HDMI
1
Ethernet
1
USB
6 (USB2.0 HOST)
Audio
1 Line out, 1 Mic, 1 Amplifier (6W)
Serial
2 (1 of RS-232 w/ 4wire,1 of RS-232/422/485 w/ 4wire)
KB/MS
-
DC jack
1 (2.5 mm)
Internal Connector
LVDS & Inverter
1/1
eDP
-
USB
-
Serial
3 (2 x 4 wire RS232,1 x 2 wire RS232/debug port by jumper), only com5 supply 5V/12V
IDE
None
I2C
3
CAN
1
SATA
1 (SATA 2.0)
SATA PWR Connector
1
SD
1
Parallel
None
GPIO
18
Watchdog Timer
Output
System reset
Interval
time out : 0.1~6553.5s, power on/off 4s
Power
Power Type
Single voltage 12V DC input; 1 x External DC jack; 1 x Internal 4-pin (2x2) power connector; Supports AT/ATX mode
Typical Power Consumption
8W (system burning)
Operating System
Android
Android4.4.2@ Kernel V3.0.35/Android6.0@kernel V4.1.15
Linux
Yocto1.7, Kernel V3.14.28/Yocto2.1@Kernel V4.1.15
Environment
Operating
Non-Operating
Temperature
0 ~ 60 °C (32 ~ 140 °F)
-40 ~ 85 °C (-40 ~ 185 °F)
Physical Characteristics
Dimensions
170 mm x 170 mm (6.69" x 6.69")
All product specifications are subject to change without notice.
Last updated: 7-Jul-2021


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
NXP ARM Cortex-A9 i.MX6 3.5" SBC
EPC-R6410 ADVANTECH-EPC-R6410 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
ROM-3420 ADVANTECH-ROM-3420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 RTX v2.0 module
16-Jun-2022
ROM-5420 ADVANTECH-ROM-5420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 SMARC v1.1 Module
21-Jun-2022
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
logo
BCM Advanced Research.
AR6MXQ-DEV BCM-AR6MXQ-DEV Datasheet
141Kb / 1P
NXP i.MX6 ARM Cortex A9 Quad Core Development Kit
2/17/2016
AR6MXQ BCM-AR6MXQ Datasheet
671Kb / 1P
Freescale® i.MX6 Cortex A9 Quad Core Full Feature ARM Motherboard (SBC)
AR6MXS BCM-AR6MXS Datasheet
660Kb / 1P
NXP i.MX6 Cortex A9 Solo Core ARM Motherboard (SBC)
SMA-IMX6 BCM-SMA-IMX6 Datasheet
262Kb / 1P
NXP i.MX6 ARM Cortex A9 Solo/Dual Lite/Dual/Quad SMARC Module
2020/10/30
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com