Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5144BCCZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5144BCCZN-R7
Description  10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5144BCCZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5144BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet
ADRF5144
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 12
Table 1. Electrical Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
RF Input Power2
PIN
f = 1 GHz to 18 GHz, TCASE = 85°C
Insertion Loss Path
RF signal applied to the RFC or through connected
RF1/RF2
Average
40
dBm
Pulsed3
>100 ns pulse width, 15% duty cycle
43
dBm
Peak
≤100 ns peak duration, 5% duty cycle
44
dBm
Hot Switching
RF signal applied to the RFC
37
dBm
Case Temperature
TCASE
−40
+85
°C
1 For more details, see the Theory of Operation section.
2 For power derating over frequency, see Figure 2 and Figure 3.
3 For different pulsed conditions, contact Applications Support.
SINGLE-SUPPLY OPERATION
VDD = 3.3 V, VSS = 0 V, VCTRL = 0 V or VDD V, TCASE = 25°C, 50 Ω system, unless otherwise noted.
Table 2. Single-Supply Operational Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
1000
20,000
MHz
SWITCHING CHARACTERISTICS
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output
0.66
µs
On and Off Time
tON, tOFF
50% VCTRL to 90% of RF output
1.5
µs
0.1 dB RF Settling Time
50% VCTRL to 0.1 dB of final RF output, PIN ≤ 24
dBm
1.8
µs
INPUT LINEARITY
f = 1 GHz to 18 GHz
0.1 dB Power Compression
P0.1dB
29
dBm
Input Third-Order Intercept
IIP3
Two tone input power = 20 dBm each tone, Δf = 1
MHz
58
dBm
Input Second-Order Intercept
IIP2
Two tone input power = 20 dBm each tone, Δf = 1
MHz
109
dBm
RECOMMENDED OPERATING CONDITONS
RF Input Power Wait Time1
tWait
PIN ≤ 24 dBm
0
µs
24dBm < PIN ≤ 29.5dBm
2.2
µs
RF Input Power2
PIN
f = 1 GHz to 18 GHz, TCASE = 85°C
Insertion Loss Path
RF signal applied to the RFC or through connected
RF1/RF2
Average
30
dBm
Pulsed3
>100 ns pulse width, 15% duty cycle
30
dBm
Peak
≤100 ns peak duration, 5% duty cycle
30
dBm
Hot Switching
RF signal applied to the RFC
24
dBm
1 For more details, see the Theory of Operation section.
2 For power derating over frequency, see Figure 2 and Figure 3.
3 For different pulsed conditions, contact Applications Support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com