Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5144BCCZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5144BCCZN-R7
Description  10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5144BCCZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5144BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
ADRF5144
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 11 of 12
The ADRF5144 has two power supply pins (VDD and VSS) and
one control pin (CTRL). Figure 15 shows the external components
and connections for supply and control pins. The VDD pin and the
VSS pin are decoupled with 100 pF and 10 nF multilayer ceramic
capacitor, while the control pin is decoupled with 100 pF multilayer
ceramic capacitor. The device pin out allows the placement of
the decoupling capacitors close to the device. No other external
components are needed for bias and operation, except DC blocking
capacitors on the RF pins when the RF lines are biased at a voltage
different than 0 V. For more details, see the Pin Configuration and
Function Descriptions section.
Figure 15. Recommended Schematic
RECOMMENDATIONS FOR PCB DESIGN
The RF ports are matched to 50 Ω internally and the pin out is
designed to mate a coplanar waveguide (CPWG) with 50 Ω charac-
teristic impedance on the PCB. Figure 16 shows the referenced
CPWG RF trace design for an RF substrate with 8 mil thick Rogers
RO4003 dielectric material. RF trace with 14 mil width and 7 mil
clearance is recommended for 1.5 mil finished copper thickness.
Figure 16. Example PCB Stack Up
Figure 17 shows the routing of the RF traces, supply, and control
signals from the device. The ground planes are connected with as
many filled, through vias as allowed for optimal RF, and thermal
performance. The primary thermal path for the device is the bottom
side, therefore a heatsink is required underneath the PCB to ensure
maximum heat dissipation and to reduce thermal rise on the PCB
during high-power applications.
Figure 17. PCB Routings
Figure 18 shows the recommended layout from the device RF pins
to the 50 ohm CPWG on the referenced stack-up. PCB pads are
drawn 1:1 to device pads. The ground pads are drawn soldermask
defined and the signal pads are drawn as pad defined. The RF
trace from the PCB pad is extended with the same width till the
package edge and tapered to RF trace with 45° angle. The paste
mask is also designed to match the pad without any aperture reduc-
tion. The paste is divided into multiple openings for the paddle.
Figure 18. Recommended RF Pin Transitions
For alternate PCB stack-ups with different dielectric thickness and
CPWG design, and for further recommendations, contact Analog
Devices, Inc., Technical Support Request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com