Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8065 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM8065
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8065 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM8065 Datasheet HTML 20Page - Analog Devices LTM8065 Datasheet HTML 21Page - Analog Devices LTM8065 Datasheet HTML 22Page - Analog Devices LTM8065 Datasheet HTML 23Page - Analog Devices LTM8065 Datasheet HTML 24Page - Analog Devices LTM8065 Datasheet HTML 25Page - Analog Devices LTM8065 Datasheet HTML 26Page - Analog Devices LTM8065 Datasheet HTML 27Page - Analog Devices LTM8065 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTM8080
24
Rev. 0
For more information www.analog.com
10µF
4.7µF
33.2k
VOUT3
3.3V
500mA
10µF
1µF
33.2k
0.1µF
VIN
RUN
SYNC
RT
VIN
6V TO 40V
SS
(1.2MHz)
GND
VBUS
LDO1
LDO2
VOUT1
VSNS1
PG1
VOUT2
VSNS2
PG2
PGFB1
SET1
PGFB2
SET2
8080 TA04
STEP-DOWN
SWITCHING
REGULATOR
33.2k
33.2k
10µF
4.7µF
VOUT1
3.3V
500mA
VBUS
10µF
4.7µF
VOUT2
3.3V
500mA
VBUS
VBUS
LTM8080
LT3045
VOUT
VSNS
SET
PGFB
PG
ILIM
IN
EN/UV
GND
VOUT
2.5V
1A
12.5k
10F
10F
20m
10F
20m
VBUS
VBUS
10µF
1µF
36.5k
0.1µF
VIN
RUN
SYNC
RT
VIN
5V TO 40V
SS
(1.1MHz)
GND
VBUS
LDO1
LDO2
VOUT1
VSNS1
PG1
VOUT2
VSNS2
PG2
PGFB1
SET1
PGFB2
SET2
8080 TA05
STEP-DOWN
SWITCHING
REGULATOR
4.7F
LTM8080
TYPICAL APPLICATIONS
Triple 3.3V LDO Outputs from 6V to 40V Input
Paralleled LDOs for a Single 2.5V, 1A Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com