Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLM0705 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLM0705
Description  MULTI DISCRETE MODULE??SURFACE MOUNT SILICON SWITCHING PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM0705 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLM0705 Datasheet HTML 1Page - Central Semiconductor Corp CMLM0705 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS (SOT-563 Package): (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
MAXIMUM RATINGS Q1: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
90
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
600
mA
MAXIMUM RATINGS D1: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
500
mA
Peak Repetitive Forward Current, tp
≤ 1ms
IFRM
3.5
A
Forward Surge Current, tp=8ms
IFSM
10
A
ELECTRICAL CHARACTERISTICS Q1: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=50V
10
nA
ICBO
VCB=50V, TA=125°C
10
µA
ICEV
VCE=30V, VBE=0.5V
50
nA
BVCBO
IC=10µA
90
115
V
BVCEO
IC=10mA
60
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=150mA, IB=15mA
0.113
0.2
V
VCE(SAT)
IC=500mA, IB=50mA
0.280
0.7
V
VBE(SAT)
IC=150mA, IB=15mA
1.3
V
VBE(SAT)
IC=500mA, IB=50mA
2.6
V
hFE
VCE=10V, IC=0.1mA
100
205
hFE
VCE=10V, IC=1.0mA
100
hFE
VCE=10V, IC=10mA
100
hFE
VCE=10V, IC=150mA
100
300
hFE
VCE=10V, IC=500mA
75
110
CMLM0705
MULTI DISCRETE MODULE ™
SURFACE MOUNT
SILICON SWITCHING PNP TRANSISTOR
AND
LOW VF SILICON SCHOTTKY DIODE
SOT-563 CASE
Central
Semiconductor Corp.
TM
R0 (06-October 2004)
DESCRIPTION:
The
Central
Semiconductor
CMLM0705
is
a
Multi Discrete Module™ consisting of a single PNP
Transistor and a Schottky Diode packaged in a space
saving PICOmini™ SOT-563 case. This device is
designed for small signal general purpose applications
where size and operational efficiency are prime
requirements.
• Combination: Small Signal Switching PNP Transistor
and Low VF Schottky Diode.
• Complementary Device: CMLM2205
MARKING CODE: C75
TM


Similar Part No. - CMLM0705

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM0705 CENTRAL-CMLM0705_10 Datasheet
585Kb / 2P
SURFACE MOUNT SILICON SWITCHING PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM0705 CENTRAL-CMLM0705_15 Datasheet
517Kb / 3P
SCHOTTKY DIODE
More results

Similar Description - CMLM0705

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM0205 CENTRAL-CMLM0205 Datasheet
107Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0405 CENTRAL-CMLM0405 Datasheet
105Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM0605 CENTRAL-CMLM0605 Datasheet
105Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM2205 CENTRAL-CMLM2205 Datasheet
104Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT SILICON SWITCHING NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405 Datasheet
62Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT HIGH CURRENT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM7405 CENTRAL-CMLM7405 Datasheet
62Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT HIGH CURRENT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CTLM1034-M832D CENTRAL-CTLM1034-M832D Datasheet
241Kb / 2P
MULTI DISCRETE MODULE ??SURFACE MOUNT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY RECTIFIER
CTLM1074-M832D CENTRAL-CTLM1074-M832D Datasheet
241Kb / 2P
MULTI DISCRETE MODULE ??SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY RECTIFIER
CMLM0705 CENTRAL-CMLM0705_10 Datasheet
585Kb / 2P
SURFACE MOUNT SILICON SWITCHING PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM2205 CENTRAL-CMLM2205_10 Datasheet
587Kb / 2P
SURFACE MOUNT SILICON SWITCHING NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com