Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLM0705 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLM0705
Description  MULTI DISCRETE MODULE??SURFACE MOUNT SILICON SWITCHING PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM0705 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLM0705 Datasheet HTML 1Page - Central Semiconductor Corp CMLM0705 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
CMLM0705
MULTI DISCRETE MODULE
SURFACE MOUNT
SILICON SWITCHING PNP TRANSISTOR AND
LOW VF SILICON SCHOTTKY DIODE
R0 (06-October 2004)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
fT
VCE=20V, IC=50mA, f=100MHz
200
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
8.0
pF
Cib
VBE=2.0V, IC=0, f=1.0MHz
30
pF
ton
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
45
ns
td
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
10
ns
tr
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
40
ns
toff
VCC=6.0V, IC=150mA, IB1=IB2=15mA
100
ns
ts
VCC=6.0V, IC=150mA, IB1=IB2=15mA
80
ns
tf
VCC=6.0V, IC=150mA, IB1=IB2=15mA
30
ns
ELECTRICAL CHARACTERISTICS D1 (TA=25°C)
IR
VR= 10V
20
µA
IR
VR= 30V
100
µA
BVR
IR= 500µA
40
V
VF
IF= 100µA
0.13
V
VF
IF= 1.0mA
0.21
V
VF
IF= 10mA
0.27
V
VF
IF= 100mA
0.35
V
VF
IF= 500mA
0.47
V
CT
VR= 1.0V, f=1.0 MHz
50
pF
A
B
C
H
G
F
D
E
E
R0
12
3
65
4
SOT-563 - MECHANICAL OUTLINE
LEAD CODE:
1) EMITTER Q1
2) BASE Q1
3) CATHODE D1
4) ANODE D1
5) ANODE D1
6) COLLECTOR Q1
MARKING CODE: C75
ELECTRICAL CHARACTERISTICS Q1 (continued)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com