Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CCC
Description  Thin Film, 1010 Center-Tapped Resistor Divider Network on Alumina
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CCC Datasheet(HTML) 1 Page - Vishay Siliconix

  CCC Datasheet HTML 1Page - Vishay Siliconix CCC Datasheet HTML 2Page - Vishay Siliconix CCC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CCC
www.vishay.com
Vishay Electro-Films
Revision: 20-Mar-13
1
Document Number: 61010
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film, 1010 Center-Tapped Resistor Divider Network
on Alumina
Product may not be to scale
The CCC series resistor chips offer good 400 mW power,
low shunt capacitance and a center tap feature.
The CCCs nichrome resistor material offers excellent
stability. The CCCs are manufactured using Vishay
Electro-Films (EFI) sophisticated thin film equipment and
manufacturing technology.
The CCCs are 100 % electrically tested and visually
inspected to MIL-STD-883, method 2032 class H or K.
FEATURES
• Wire bondable
• Larger single size for extended value range
• Resistance range total: 100
 to 1 M
Custom values: RA or RB - 50  to 500 k
• Chip size: 0.100" x 0.100"
• Case: 1010
• Power: 400 mW
• Alumina substrate
• Low stray capacitance: < 0.2 pF
• Resistor material: Nichrome
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Vishay
EFI
CCC
chip
resistors
provide
excellent
high-frequency
response
and
are
ideally
suited
for
prototyping.
Typical application areas are:
• Amplifiers
• Oscillators
• Attenuators
•Couplers
•Filters
Recommended for hermetic environments where die is not
exposed to moisture
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
100 to 1M
Standard Tolerances
± 0.1
%
TCR
± 10, ± 25, ± 50, ± 100
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
- 20 typ.
dB
Center Tap Ratio, RA/RB: Tolerance
1 ± 1
%
Stability, 1000 h, + 125 °C, 400 mW
± 0.1 max.
R/R
%
Operating Temperature Range
- 55 to + 125
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.25 max.
R/R
%
High Temperature Exposure, + 150 °C, 100 h
± 0.25 max.
R/R
%
Dielectric Voltage Breakdown
400
V
Insulation Resistance
1012 min.
Operating Voltage
200 max.
V
DC Power Rating at 125 °C
0.4 max.
W
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.25 max.
R/R
%
100
Ω
200
Ω
500 k
Ω
1 M
Ω
0.1 %
Tightest Standard Tolerance Available
± 25 ppm/°C
± 50 ppm/°C
± 100 ppm/°C
± 10 ppm/°C


Similar Part No. - CCC

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXA-XHHJJKKLLMMNN1 MARKTECH-CCCCC-DXA-XHHJJKKLLMMNN1 Datasheet
511Kb / 9P
Cree짰 PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CCCCC-DXA-XHHJJKKLLMMNN1 CREE-CCCCC-DXA-XHHJJKKLLMMNN1 Datasheet
526Kb / 9P
Cree® PLCC6 3-in-1 SMD LED
2009
logo
Cree LED
CCCCC-DXA-XHHJJKKLLMMNN1 CREELED-CCCCC-DXA-XHHJJKKLLMMNN1 Datasheet
822Kb / 11P
CLQ6A-FKW: PLCC8 3 in 1 SMD LED
REV 3
logo
Marktech Corporate
CCCCC-DXA-XHHJJKKLLMMNN2 MARKTECH-CCCCC-DXA-XHHJJKKLLMMNN2 Datasheet
511Kb / 9P
Cree짰 PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CCCCC-DXA-XHHJJKKLLMMNN2 CREE-CCCCC-DXA-XHHJJKKLLMMNN2 Datasheet
526Kb / 9P
Cree® PLCC6 3-in-1 SMD LED
2009
More results

Similar Description - CCC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CC1 VISHAY-CC1 Datasheet
99Kb / 3P
Thin Film 0402 Size Resistor on Alumina
27-May-13
CC2 VISHAY-CC2 Datasheet
109Kb / 3P
Thin Film 0303 Size Resistor on Alumina
05-Apr-13
CC4 VISHAY-CC4 Datasheet
76Kb / 3P
Thin Film 0510 Size Resistor on Alumina
27-May-13
CC5 VISHAY-CC5 Datasheet
89Kb / 3P
Thin Film 1010 Size Resistor on Alumina
27-May-13
CC6 VISHAY-CC6 Datasheet
92Kb / 3P
Thin Film 0304 Size Resistor on Alumina
27-May-13
CC8 VISHAY-CC8 Datasheet
82Kb / 3P
Thin Film 0202 Size Resistor on Alumina
05-Apr-13
M83401 VISHAY-M83401 Datasheet
92Kb / 4P
Thin Film Resistor Network Military
01-Mar-13
MPM VISHAY-MPM_17 Datasheet
105Kb / 3P
Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
12-Jul-13
100267 VISHAY-100267 Datasheet
70Kb / 3P
Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
15-Sep-2021
CC7 VISHAY-CC7 Datasheet
67Kb / 3P
Thin Film Resistor Divider Network on Alumina, User Trimmable
18-Apr-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com