Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP63356 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP63356
Description  3.8V TO 32V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63356 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP63356 Datasheet HTML 9Page - Diodes Incorporated AP63356 Datasheet HTML 10Page - Diodes Incorporated AP63356 Datasheet HTML 11Page - Diodes Incorporated AP63356 Datasheet HTML 12Page - Diodes Incorporated AP63356 Datasheet HTML 13Page - Diodes Incorporated AP63356 Datasheet HTML 14Page - Diodes Incorporated AP63356 Datasheet HTML 15Page - Diodes Incorporated AP63356 Datasheet HTML 16Page - Diodes Incorporated AP63356 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AP63356/AP63357
Document number: DS41949 Rev. 3 - 2
13 of 29
www.diodes.com
August 2019
© Diodes Incorporated
AP63356/AP63357
Typical Performance Characteristics (AP63357 at TA = +25°C, VIN = 12V, VOUT = 5V, unless otherwise specified.)
(continued)
Figure 31. fsw vs. Load
Figure 32. Output Voltage Ripple, IOUT = 50mA
Figure 33. Output Voltage Ripple, IOUT = 3.5A
Figure 34. Load Transient, IOUT = 50mA to 500mA to 50mA
Figure 35. Load Transient, IOUT = 2.5A to 3.5A to 2.5A
Figure 36. Load Transient, IOUT = 50mA to 3.5A to 50mA
0
50
100
150
200
250
300
350
400
450
500
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT (1V/div)
IOUT (2A/div)
1ms/div
VOUT (500mV/div)
IOUT (1A/div)
1ms/div
VOUT (500mV/div)
IOUT (500mA/div)
1ms/div
5μs/div
VOUT (50mV/div)
IL (2A/div)
VSW (10V/div)
VOUT (50mV/div)
IL (1A/div)
VSW (10V/div)
50
μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com