Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64200 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP64200
Description  3.8V TO 40V INPUT, 2A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64200 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP64200 Datasheet HTML 9Page - Diodes Incorporated AP64200 Datasheet HTML 10Page - Diodes Incorporated AP64200 Datasheet HTML 11Page - Diodes Incorporated AP64200 Datasheet HTML 12Page - Diodes Incorporated AP64200 Datasheet HTML 13Page - Diodes Incorporated AP64200 Datasheet HTML 14Page - Diodes Incorporated AP64200 Datasheet HTML 15Page - Diodes Incorporated AP64200 Datasheet HTML 16Page - Diodes Incorporated AP64200 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
AP64200
Document number: DS43573 Rev. 1 - 2
13 of 26
www.diodes.com
March 2021
© Diodes Incorporated
AP64200
Application Information (continued)
7
Overcurrent Protection (OCP)
The AP64200 has cycle-by-cycle peak current limit protection by sensing the current through the internal high-side power MOSFET, Q1. While Q1
is on, the internal sensing circuitry monitors its conduction current. Once the current through Q1 exceeds the peak current limit, Q1 immediately
turns off. If Q1 consistently hits the peak current limit for 512 cycles, the buck converter enters hiccup mode and shuts down. After 8192 cycles of
down time, the buck converter restarts powering up. Hiccup mode reduces the power dissipation in the overcurrent condition.
8
Thermal Shutdown (TSD)
If the junction temperature of the device reaches the thermal shutdown limit of +160°C, the AP64200 shuts down both its high-side and low-side
power MOSFETs. When the junction temperature reduces to the required level (+135°C typical), the device initiates a normal power-up cycle with
soft-start.
9
Power Derating Characteristics
To prevent the regulator from exceeding the maximum recommended operating junction temperature, some thermal analysis is required. The
regulator’s temperature rise is given by:
������������������������������ = ������������ ∙ (������������������)
Eq. 4
Where:
PD is the power dissipated by the regulator
θJA is the thermal resistance from the junction of the die to the ambient temperature
The junction temperature, TJ, is given by:
������������ = ������������ + ������������������������������
Eq. 5
Where:
TA is the ambient temperature of the environment
For the SO-8EP (Standard) package, the
θJA is 45°C/W. The actual junction temperature should not exceed the maximum recommended
operating junction temperature of +125°C when considering the thermal design. Figure 26 shows a typical derating curve versus ambient
temperature.
Figure 26. Output Current Derating Curve vs. Ambient Temperature, VIN = 12V, fSW = 500kHz
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0
20
40
60
80
100
120
140
160
Ambient Temperature (
°C)
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com