Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT901Q-R Datasheet(PDF) 35 Page - Bridgetek Pte Ltd.

Part # FT901Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT901Q-R Datasheet(HTML) 35 Page - Bridgetek Pte Ltd.

Back Button FT901Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT901Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT901Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT901Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT901Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT901Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT901Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT901Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT901Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
Copyright © Bridgetek Pte Ltd
35
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
5
Devices Characteristics and Ratings
5.1
Absolute Maximum Ratings
The absolute maximum ratings for the FT900/1/2/3 series devices are as follows. These are in
accordance with the Absolute Maximum Rating System (IEC 60134). Exceeding these may cause
permanent damage to the device.
Parameter
Value
Unit
Storage Temperature
-65 to +150
°C
Floor Life (Out of Bag) At Factory Ambient
(30°C / 60% Relative Humidity)
168 Hours
(IPC/JEDEC J-STD-033A MSL Level 3
Compliant)*
Hours
Ambient Temperature (Power Applied)
-40 to +85
°C
VCC3V3 Supply Voltage
-0.5 to +4.6
V
DC Input Voltage – Host H_DP and H_DM
-0.5 to +5
V
DC Input Voltage – Peripheral D_DP and
D_DM
-0.5 to +5
V
DC Input Voltage – Ethernet TXON, TXOP,
RXIN and RXIP
-0.5 to +5.6
V
DC Input Voltage – 5V tolerance I/O cells
-0.5 to +5.8
V
Others (ADC, DAC) – 3V I/O cells
-0.5 to VCC3V3+0.5
V
Table 5-1 - Absolute Maximum Ratings
Note: If devices are stored out of the packaging beyond this time limit the devices should be baked
before use. The devices should be ramped up to a temperature of +125°C and baked for up to 17 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com