Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT901Q-R Datasheet(PDF) 46 Page - Bridgetek Pte Ltd.

Part # FT901Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT901Q-R Datasheet(HTML) 46 Page - Bridgetek Pte Ltd.

Back Button FT901Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. FT901Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. FT901Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. FT901Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. FT901Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. FT901Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. FT901Q-R Datasheet HTML 48Page - Bridgetek Pte Ltd. FT901Q-R Datasheet HTML 49Page - Bridgetek Pte Ltd. FT901Q-R Datasheet HTML 50Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
Copyright © Bridgetek Pte Ltd
46
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
SPI Master I/O pins dynamic characteristics (Vcc (I/O) = 3.3V)
Parameter
Description
Vcc (I/O) 3.3V
Unit
Min
Typ
Max
TSCLK
SPI clock period
20
ns
TSCLKL
SPI clock low duration
19
ns
TSCLKH
SPI clock high duration
19
ns
TOD
output data delay
19
20
ns
Table 5-13 - SPI I/O pins (SPIM_CLK/MOSI/MISO/SS0/SS1/SS2/SS3) characteristics
Figure 5-7 - Definition of SPI Master Timing Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com