Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT901L-R Datasheet(PDF) 21 Page - Bridgetek Pte Ltd.

Part # FT901L-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT901L-R Datasheet(HTML) 21 Page - Bridgetek Pte Ltd.

Back Button FT901L-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 18Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 21Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 22Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 25Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
Copyright © Bridgetek Pte Ltd
21
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No.: BRT_000172 Clearance No.: BRT#087
Pin
No.
Name
Type
Description
82
TXOP
O
Ethernet transmit data positive output.[2]
Differential transmit signal pair.
83
TXON
O
Ethernet transmit data negative output.[2]
Differential transmit signal pair.
84
RTC_XIO
AO
Output from the RTC Oscillator amplifier.
85
RTC_XI/RTC_CLKIN
AI
32.768-kHz clock frequency input to the RTC Oscillator circuit or to
internal RTC clock generator circuit.
86
VBAT
P
+1.5V RTC supply voltage.
87
ADC1/RTC_REF/
CAM_XCLK/GPIO6
I/O
GPIO6 input/output. (By default is GPIO input, internal pull-low)
Camera external clock output.
Reference clock for RTC calibration.
10-bit A/D converter 1, input.
88
ADC2/CAM_PCLK/GPIO7
I/O
GPIO7 input/output. (By default is GPIO input, internal pull-low)
Camera pixel clock input.
10-bit A/D converter 2, input.
89
ADC3/CAM_VD/GPIO8
I/O
GPIO8 input/output. (By default is GPIO input, internal pull-low)
Camera vertical sync input.
10-bit A/D converter 3, input.
90
ADC4/CAM_HD/GPIO9
I/O
GPIO9 input/output. (By default is GPIO input, internal pull-low)
Camera horizontal reference input.
10-bit A/D converter 4, input.
91
ADC5/CAM_D7/GPIO10
I/O
GPIO10 input/output. (By default is GPIO input, internal pull-low)
Camera data 7 input.
10-bit A/D converter 5, input.
92
ADC6/CAM_D6/GPIO11
I/O
GPIO11 input/output. (By default is GPIO input, internal pull-low)
Camera data 6 input.
10-bit A/D converter 6, input.
93
ADC7/CAM_D5/GPIO12
I/O
GPIO12 input/output. (By default is GPIO input, internal pull-low)
Camera data 5 input.
10-bit A/D converter 7, input.
94
AGND
P
Analog Ground
95
VCC3V3A
P
+3.3V supply voltage.
This is the supply voltage for Analog I/O ports. Connect 10uF and 0.1uF
decoupling capacitors. This pin could be connected to all VCC3V3 pins
without 10uF capacitor.
96
DAC_REFP
I
10-bit DAC positive reference voltage.
97
DAC1/CAM_D4/GPIO13
I/O
GPIO13 input/output. (By default is GPIO input, internal pull-low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com