Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT901L-R Datasheet(PDF) 43 Page - Bridgetek Pte Ltd.

Part # FT901L-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT901L-R Datasheet(HTML) 43 Page - Bridgetek Pte Ltd.

Back Button FT901L-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 40Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 41Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 42Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 43Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 44Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 45Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 46Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 47Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
Copyright © Bridgetek Pte Ltd
43
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
Analog Ethernet I/O pins dynamic characteristics
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Transmitter characteristics
2 x Vtxa
Peak-to-peak
differential output
voltage
1.9
2.0
2.1
V
100Base-TX mode
Tr / Tf
Signal rise/fall time
3.0
4.0
5.0
ns
100Base-TX mode
Tj
Output jitter
-
-
1.4
ns
100Base-TX mode,
scrambled idle
signal
Vtxov
Overshoot
-
-
5.0
%
100Base-TX mode
Receiver characteristics
-
Common-mode input
voltage
2.97
3.3
3.63
V
-
-
Error-free cable
length
100
-
-
meter
-
Table 5-11 - Analog I/O pins (TXON/TXOP, RXIN/RXIP) characteristics
Figure 5-2 - 100Base-TX Tr/f Timing
Figure 5-3 - 100Base-TX Jitter Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com