Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC08 Datasheet(PDF) 17 Page - Ceramate Technical

Part # 24LC08
Description  8K-Bit Serial EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LC08 Datasheet(HTML) 17 Page - Ceramate Technical

Back Button 24LC08 Datasheet HTML 13Page - Ceramate Technical 24LC08 Datasheet HTML 14Page - Ceramate Technical 24LC08 Datasheet HTML 15Page - Ceramate Technical 24LC08 Datasheet HTML 16Page - Ceramate Technical 24LC08 Datasheet HTML 17Page - Ceramate Technical 24LC08 Datasheet HTML 18Page - Ceramate Technical 24LC08 Datasheet HTML 19Page - Ceramate Technical 24LC08 Datasheet HTML 20Page - Ceramate Technical 24LC08 Datasheet HTML 21Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
24LC08
8K-Bit Serial EEPROM
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 17 of 23
Rev 1.1 Nov.18, 2002
CHARACTERISTIC CURVES
NOTE
The characteristic values shown in the following graphs are based on actual test measurements. They do
not, however, represent guaranteed operating values.
(Frequency = 100 kHz)
VCC (V)
2
3
4
5
6
ICC (mA)
0.4
0
0.8
1.2
1.6
2.0
Temp = - 40
°C
Temp = - 25
°C
Temp = 0
°C
Temp = 25
°C
Temp = 70
°C
Temp = 85
°C
Figure 3-18. I
CC (Write Current) vs. VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com