Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  AMD Embedded Ryzen V2000 COM Express® Compact Type 6
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-6872
Ordering Information
Part No.
SoC
eDP/LVDS Core/Thread
Base Freq.
1T Boost
Freq.
SoC TDP LLC
DDR4
SODIMM
Thermal
solution
Operating
Temp.
SOM-6872VC-U9A1
V2748
eDP
8/16
2.9GHz
4.25GHz
35-54W
8MB
3200MT/s
Active
0 ~ 60 °C
SOM-6872VCA-U9A1
V2748
LVDS
8/16
2.9GHz
4.25GHz
35-54W
8MB
3200MT/s
Active
0 ~ 60 °C
SOM-6872VC-H0A1
V2546
eDP
6/12
3.0GHz
3.95GHz
35-54W
8MB
3200MT/s
Active
0 ~ 60 °C
SOM-6872VC-S7A1
V2718
eDP
8/16
1.7GHz
4.15GHz
10-25W
8MB
3200MT/s
Active
0 ~ 60 °C
SOM-6872VC-U1A1
V2516
eDP
6/12
2.1GHz
3.95GHz
10-25W
8MB
3200MT/s
Active
0 ~ 60 °C
Any other SKUs or combination is project based support. Please contact sales for details.
Optional Accessories
Part No.
Description
1970004870T001
Semi-Cooler
Development Board
Part No.
Description
SOM-DB5830-00A2
Development Board SOM-DB5830 A2 (LVDS)
SOM-DB5830A-00A2
Development Board SOM-DB5830 A2 (eDP)
Packing List
Part No.
Description
Quantity
-
SOM-6872 CPU Module
1
1970005034T001
Aluminum Heatspreader (include in 10W-25W
SKUs only)
1
1970005033T001
Heatpipe Heatspreader (include in 35W-54W
SKUs only)
1
Embedded OS
OS
Part No.
Description
Win10 (HL)
20706WX9HS0140
Img Win10 IoT Ent_2019 LTSC 64 bit
(V2748 & V2718)
Win10 (VL)
20706WX9VS0144
Img Win10 IoT Ent_2019 LTSC 64 bit
(V2546 & V2516)
Ubuntu 20.04
20706U20DS0007
img Ubun20.4 SOM-6872 64b 2004 ENU
2-CH DDR4 3200
SODIMM
Max. 64GB (w/ECC)
TPM2.0 (Optional)
SPI BIOS
eDPto LVDS
DDI 1
LVDS
eDP(Option)
DP 3
DP 0
EIO-211
LPC
LPC
DP to VGA
GbE
VGA
HD Audio
8x PCIex1 (max. 5 devices)
Bifurcate to x4, x2, x1
GPP #4-11
2x SATAIII
8x USB 2.0
I2C (Option)
SMBUS
I2C (default),
2 COM/1 CAN(option),
WDT, 8x GPIO, Smart Fan
GPP #2-3
GPP #0
DDI 2
DP 1
DDI 3 (Option , co-lay with VGA)
DP 2
1x PEGx8 (max. 2 devices)
GFX #0-7
SPI
2x USB 3.2 Gen 2
SOM-6872
COMeType 6
Compact (95x95)
AMD Ryzen
Embedded V2000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com