Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  AMD Embedded Ryzen V2000 COM Express® Compact Type 6
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Computer On Modules
Features
AMD Embedded Ryzen V2000
COM Express® Compact Type 6
SOM-6872
ƒ
AMD Embedded Ryzen 7nm SoC – V2000 APU
ƒ
COM Express® R3.0 Compact Module Type 6 Pinout
ƒ
Dual Channel DDR4 SODIMM, max. 64GB (Both ECC & Non-ECC)
ƒ
High Speed I/Os: 2 USB 3.2 Gen2, 1 PCIe x8 Gen3, 8 PCIe x1 Gen3, and
2 SATA3.0
ƒ
Four Display (DP++, HDMI, VGA, LVDS)
ƒ
Supports iManager, Embedded Software APIs and WISE-DeviceOn
Specifications
Form Factor
Form Factor
COM Express Compact Module
Pin-out Type
COM Express R3.0 Type 6 compatible
Processor System
CPU
V2748
V2546
V2718
V2516
Base Frequency
2.9 GHz
3.0 GHz
1.7 GHz
2.1 GHz
Max Single Core Turbo Frequency
4.25 GHz
3.95 GHz
4.15 GHz
3.95 GHz
Core/Thread
8/16
6/12
8/16
6/12
LLC
8MB
8MB
8MB
8MB
CPU TDP
35W-54W
35W-54W
10W-25W
10W-25W
BIOS
AMI UEFI 256Mbit
Memory
Technology
DDR4 up to 3200 MT/s
Speed
3200 MT/s
ECC Support
Yes
Max. Capacity
Up to 64GB
Socket
2 260P SO-DIMM (Dual Channel)
Graphics
Controller
AMD Radeon Graphics Vega GPU
Max. Frequency
1.6 GHz
1.6 GHz
1.6 GHz
1.6 GHz
Graphic Memory
Shared Memory
3D/HW Acceleration
VCN2.2 (H.264/AVC HW 8b | H.265/HEVC HW 8/10b | VP9 HW 8/10b)
Display
VGA
1920 x 1200 @ 60Hz
LCD
LVDS dual channel: 1920 x 1200 @ 60Hz (option support eDP 1.3 4096 x 2160 @ 60Hz)
DDI
2 DDI ports support configurable HDMI/DisplayPort (option to have 3rd DDI port by disabling VGA)
-HDMI 2.1: 4096 x 2160 @ 60Hz
-DisplayPort 1.4: 4096 x 2160 @ 60Hz
Multiple Display
Four Simultaneous Independent Displays
PCI Express (Gen3)
1 PCIe x8 (PEG)
8 PCIe x1
Audio Interface
HD Audio
LPC
Yes
Serial Bus
SMBus
Yes
I2C Bus
Yes
Ethernet
Gigabit
Intel I210; 10/100/1000 Mbps
I/O
SATA3.0
2 Ports (6 Gbps)
USB 3.2 Gen2
2 Ports (10 Gbps)
USB2.0
8 Ports (480 Mbps)
SPI Bus
Yes. For BIOS EEPROM
GPIO
8-bit GPIO
Watchdog
65536 level, 0 ~ 65535 sec
COM Port
2 Ports (2-Wire)
TPM
TPM2.0 (Optional)
Smart Fan
2 Ports: 1 port on COM module (Notice: the input voltage of fan is aligned to Vin); 1 port on carrier board
Power
Type
ATX: Vin, VSB; AT: Vin
Supply Voltage
Vin: 8.5V ~ 20V; VSB: 4.75V ~ 5.25 V, RTC Battery: 2.0V ~ 3.3V
Power Consumption (Max.)
55.1W @ 12V (V2748 with 32GB DDR4 3200*2)
Power Consumption (Idle)
4.6W @ 12V (V2748 with 32GB DDR4 3200*2)
Environment
Operating Temperature
0 ~ 60 °C (32 ~ 140 °F)
Storage Temperature
-40 ~ 85 °C (-40 ~ 185 °F)
Humidity
Operating: 40 °C @ 95% relative humidity, non-condensing
Storage: 60 °C @ 95% relative humidity, non-condensing
Vibration Resistance
3.5 Grms
Mechanical
Dimensions
95 x 95 mm (3.74" x 3.74")
Software APIs:
NEW
All product specifications are subject to change without notice.
Last updated: 29-Jul-2022


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5871 ADVANTECH-SOM-5871 Datasheet
972Kb / 2P
AMD Embedded V-Series V1000 COM Express Basic Module Type 6
SOM-6867 ADVANTECH-SOM-6867 Datasheet
927Kb / 2P
COM Express Type 6 Compact Module
SOM-6867 ADVANTECH-SOM-6867_17 Datasheet
968Kb / 2P
COM Express Type 6 Compact Module
logo
DFI Inc
CM901-B DFI-CM901-B Datasheet
968Kb / 2P
AMD Embedded R-Series COM Express Basic
KB968 DFI-KB968 Datasheet
1Mb / 2P
AMD Embedded G-Series SoC COM Express Compact
OT905-B DFI-OT905-B Datasheet
1Mb / 2P
AMD Embedded G-Series COM Express Compact
logo
Adlink Technology Inc.
EXPRESS-BE ADLINK-EXPRESS-BE Datasheet
261Kb / 4P
COM Express Basic Size Type 6 Module with AMD Embedded R-Series APU
logo
AAEON Technology
DENEXT-V2K8 AAEON-DENEXT-V2K8 Datasheet
446Kb / 2P
86mm x 55mm Single Board with AMD Ryzen™ Embedded V2000 Series Processors
2023/03/24
PICO-V2K4-SEMI AAEON-PICO-V2K4-SEMI Datasheet
420Kb / 2P
PICO-SEMI with AMD RYZEN™ V2000 embedded Processor Family
2022/11/22
PICO-V2K4 AAEON-PICO-V2K4 Datasheet
534Kb / 2P
Pico-ITX Board with AMD RYZEN™ V2000 embedded Processor Family
2022/02/01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com