Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Compact Type6
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-6832
Ordering Information
Part No.
CPU
Core
Graphics
Base Freq.
Max. Boost Freq.
GFX
HFM
GFX Burst
Mode
CPU
TDP
EMMC
IBECC
Thermal
solution
Operating
Temp.
SOM-6832P4-U0A1
Pentium J6426
4
32EU
2.0 GHz
3.0 GHz
400 MHz
850 MHz
10W
No
No
Passive
0 ~ 60 °C
SOM-6832P4-S3A1
Pentium N6415
4
16EU
1.2 GHz
3.0 GHz
350 MHz
800 MHz
6.5W
No
No
Passive
0 ~ 60 °C
SOM-6832A2-S3A1
Atom x6211E
2
16EU
1.3 GHz
3.0 GHz
350 MHz
750 MHz
6W
No
Yes
Passive
0 ~ 60 °C
SOM-6832A4-S5A1
Atom x6413E
4
16EU
1.5 GHz
3.0 GHz
500 MHz
750 MHz
9W
No
Yes
Passive
0 ~ 60 °C
SOM-6832A4-U0A1
Atom x6425E
4
16EU
2.0 GHz
3.0 GHz
500 MHz
750 MHz
12W
32GB
Yes
Passive
0 ~ 60 °C
SOM-6832A4-S4A1
Atom x6414RE
4
16EU
1.5 GHz
N/A
400 MHz
N/A
9W
No
Yes
Passive
0 ~ 60 °C
SOM-6832A4-S9A1
Atom x6425RE
4
32EU
1.9 GHz
N/A
400 MHz
N/A
12W
No
Yes
Passive
0 ~ 60 °C
SOM-6832A2-S0A1
Atom x6200FE
2
N/A
1.0 GHz
N/A
N/A
N/A
4.5W
No
Yes
Passive
0 ~ 60 °C
SOM-6832A2X-S3A1
Atom x6211E
2
16EU
1.3 GHz
3.0 GHz
350 MHz
750 MHz
6W
No
Yes
Active
-40 ~ 85 °C
SOM-6832A4X-S5A1
Atom x6413E
4
16EU
1.5 GHz
3.0 GHz
500 MHz
750 MHz
9W
No
Yes
Active
-40 ~ 85 °C
SOM-6832A4X-U0A1
Atom x6425E
4
16EU
2.0 GHz
3.0 GHz
500 MHz
750 MHz
12W
32GB
Yes
Active
-40 ~ 85 °C
SOM-6832A4X-S4A1
Atom x6414RE
4
16EU
1.5 GHz
N/A
400 MHz
N/A
9W
No
Yes
Active
-40 ~ 85 °C
SOM-6832A4X-S9A1
Atom x6425RE
4
32EU
1.9 GHz
N/A
400 MHz
N/A
12W
No
Yes
Active
-40 ~ 85 °C
SOM-6832A2X-S0A1
Atom x6200FE
2
N/A
1.0 GHz
N/A
N/A
N/A
4.5W
No
Yes
Active
-40 ~ 85 °C
Any other SKUs or combination is project based support. Please contact sales for details.
Development Board
Part No.
Description
SOM-DB5830-00A2
COMe R3.0 Devel. Board Type6 Rev. A2
SOM-DB5830X-00A2
COMe R3.0 Devel. Board Type6 A2 Phoenix
SOM-DB5830A-00A2
COMe R3.0 Devel. Board Rev. A2 eDP version
Packing List
Part No.
Description
Quantity
-
SOM-6832 COM module
1
TBD
Heatspreader
1
Optional Accessories
Part No.
Description
TBD
Semi-Heatsink
TBD
Semi-cooler
Embedded OS
OS
Part No.
Description
Win10
TBD
TBD
eMMC 5.1 (optional)
2CH DDR4 3200
2x SODIMM
Max. 32GB with IBECC
TPM 2.0
SPI BIOS
eDP to LVDS
DDI Port2
DDI #2
DDI #1
DDI #0
LVDS
eDP(Option)
eSPI to LPC
LPC
SPI
SGMII
eSPI
SoC CAN
2.5GbE
iManager
HD Audio
8 x USB2.0
2 x SATA III
6 lanes PCIe gen3 lanes
I2C (option)
SMBUS (default)
SPI
WDT, GPIO, I2C, Smart FAN
SMBUS(option),
2COM/
CAN(option)/
CAN-FD(option)
DDI Port1
2 x USB3.2
2 x USB3.2 (option by 2 PCIe)
SOM-6832
Elkhart Lake



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com