Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Compact Type6
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Computer On Modules
Features
Intel® Pentium®/Celeron® and Atom®
x6000 Series Processors
(Code Name: Elkhart Lake)
COM Express® Compact Type6
SOM-6832
ƒ
COM Express® R3.0 Compact Module Type 6 Pinout
ƒ
Intel® Pentium®/Celeron® and Atom® x6000 Series (Elkhart Lake) Processors
ƒ
Dual Channel up to 32GB DDR4-3200 and IBECC Supported by Specific
SKUs
ƒ
Supports up to 3 simultaneous display: LVDS/eDP, HDMI/DisplayPort
ƒ
Supports onboard eMMC Storage and 2.5GbE
ƒ
Supports iManager, WISE-DeviceOn, and Embedded Software APIs
Specifications
Form Factor
Form Factor
COM Express Compact
Pin-out Type
COM Express R3.0 Type 6 compatible
Processor System
CPU
Pentium®
N6415
Pentium®
J6426
Atom® x6425E
Atom® x6413E
Atom® x6211E
Atom®
x6425RE
Atom®
x6414RE
Atom®
x6200FE
Base Frequency
1.2 GHz
2.0 GHz
2.0 GHz
1.5 GHz
1.3 GHz
1.9 GHz
1.5 GHz
1.0 GHz
Max Single Core Turbo
Frequency
3.0 GHz
3.0 GHz
3.0 GHz
3.0 GHz
3.0 GHz
N/A
N/A
N/A
Cores
4
4
4
4
2
4
4
2
LLC
1.5 MB
1.5 MB
1.5 MB
1.5 MB
1.5 MB
1.5 MB
1.5 MB
1.5 MB
CPU TDP
6.5W
10W
12W
9W
6W
12W
9W
4.5W
IBECC
N/A
N/A
Yes
Yes
Yes
Yes
Yes
Yes
BIOS
AMI UEFI 256Mbit
Memory
Technology
DDR4
Speed
3200 MT/s
Max. Capacity
Up to 32GB
Socket
2 x 260P SODIMM (Dual Channel)
ECC Support
IBECC supported by Specific CPU SKUs
Graphics
Controller
Intel® UHD Graphics
N/A
Base. Frequency
350 MHz
400 MHz
500 MHz
500 MHz
350 MHz
400 MHz
400 MHz
N/A
Max. Frequency
800 MHz
850 MHz
750 MHz
750 MHz
750 MHz
N/A
N/A
N/A
3D/HW Acceleration
OpenGL* 4.5, DirectX* 12, OpenCL*1.2, Vulkan 1.1
Display
LCD (LVDS/eDP)
LVDS dual channel: 1920 x 1200@60Hz (option support eDP 4096 x 2304 @ 60Hz)
DDI (HDMI/DisplayPort)
2 DDI ports support configurable HDMI/DisplayPort
-HDMI 2.0b: 4096 x 2160 @ 60Hz
-DisplayPort 1.4: 4096 x 2160 @ 60Hz
Multiple Display
Triple Simultaneous Independent Display
PCI Express x1 (Gen3)
6 PCIe x1
Audio Interface
HD Audio
LPC
Yes
Serial Bus
SMBus
Yes
I2C Bus
Yes
Ethernet
Gigabit
Default 2.5G; 1G by BIOS item option
I/O
SATA3.0
2 Port (6 Gbps)
USB3.2 (Gen2)
2 Ports (10 Gbps); 2 Optional Ports by PCIe co-lay
USB2.0
8 Ports (480 Mbps)
SPI Bus
Yes. For BIOS EEPROM
GPIO
8-bit
Watchdog
65536 level, 0 ~ 65535 sec
COM Port
2 Ports (2-Wire)
TPM
TPM2.0
Smart Fan
2 Ports: 1 port on COM module (Notice: the input voltage of fan is aligned to Vin); 1 port on carrier board
Power
Type
ATX: Vin, VSB; AT: Vin
Supply Voltage
Vin: 8.5V ~ 20V; VSB: 4.75V ~ 5.25V; RTC Battery: 2.0V ~ 3.3V
Power Consumption (Max.)
TBD
Power Consumption (Idle)
TBD
Environment
Operating Temperature
Standard: 0 ~ 60 °C (32 ~ 140 °F)
Extend: -40 ~ 85 °C (-40 ~ 185 °F)
Storage Temperature
-40 ~ 85 °C (-40 ~ 185 °F)
Humidity
Operating: 40 °C @ 95% relative humidity, non-condensing
Storage: 60 °C @95%relative humidity, non-condensing
Vibration Resistance
3.5 Grms
Mechanical
Dimensions
95 mm x 95 mm (3.74" x 3.74")
Software APIs:
NEW
All product specifications are subject to change without notice.
Last updated: 29-Nov-2021


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-2363 ADVANTECH-MIO-2363 Datasheet
5Mb / 6P
Intel® Atom® x6000 Series Processor (Code Name: Elkhart Lake) Pico-ITX SBC
7-Sep-2022
SOM-2532 ADVANTECH-SOM-2532 Datasheet
5Mb / 7P
Intel Atom x6000, Pentium and Celeron® x6000 Series Processor (Code Name: Elkhart Lake) SMARC Module
2-Sep-2022
SOM-5993 ADVANTECH-SOM-5993 Datasheet
473Kb / 2P
Intel® Xeon® D Processor (Code Name: Ice Lake-D LCC) COM Express® Basic Type7
28-Jul-2022
SOM-6883 ADVANTECH-SOM-6883 Datasheet
4Mb / 6P
11th Gen. Intel® Core™ Processor U-Series (Code Name: Tiger Lake-UP3) COM Express® Compact Type6
29-Jul-2022
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
AAEON Technology
GENE-EHL5 AAEON-GENE-EHL5 Datasheet
553Kb / 2P
SubCompact Board with Intel Atom® x6000E Series, and Intel® Pentium® and Celeron® N and J Series Processors
2022/09/08
NANOCOM-EHL AAEON-NANOCOM-EHL Datasheet
587Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel Atom®/Celeron®/Pentium®Processor
2023/03/22
logo
BCM Advanced Research.
ECM-EHL BCM-ECM-EHL Datasheet
1Mb / 1P
Intel® Celeron®/Atom™ Elkhart Lake SoC 3.5” Micro Module
02/17/2023
EPX-EHLP BCM-EPX-EHLP Datasheet
122Kb / 2P
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
2021/08/22
ESM-APLC BCM-ESM-APLC Datasheet
320Kb / 1P
Intel® Celeron® N3350 / Pentium® N4200 / Atom™ E Series SoC Processor Type6 COMe Compact
2021/02/12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com